Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 47 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 47 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 43Page - Intel Corporation LXT971ABC Datasheet HTML 44Page - Intel Corporation LXT971ABC Datasheet HTML 45Page - Intel Corporation LXT971ABC Datasheet HTML 46Page - Intel Corporation LXT971ABC Datasheet HTML 47Page - Intel Corporation LXT971ABC Datasheet HTML 48Page - Intel Corporation LXT971ABC Datasheet HTML 49Page - Intel Corporation LXT971ABC Datasheet HTML 50Page - Intel Corporation LXT971ABC Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
47
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 12. BSR Mode of Operation
Mode
Description
1Capture
2Shift
3
Update
4
System Function
Table 13. Supported JTAG Instructions
Name
Code
Description
Mode
Data Register
EXTEST
1111 1111 1110 1000
External Test
Test
BSR
IDCODE
1111 1111 1111 1110
ID Code Inspection
Normal
ID REG
SAMPLE
1111 1111 1111 1000
Sample Boundary
Normal
BSR
HIGHZ
1111 1111 1100 1111
Force Float
Normal
Bypass
CLAMP
1111 1111 1110 1111
Control Boundary to 1/0
Test
Bypass
BYPASS
1111 1111 1111 1111
Bypass Scan
Normal
Bypass
Table 14. Device ID Register
31:28
27:12
11:8
7:1
0
Version2
Part ID (hex)
Jedec Continuation Characters
JEDEC ID1
Reserved
XXXX
03CB
0000
111 1110
1
1. The JEDEC IS is an 8-bit identifier. The MSB is for parity and is ignored. Intel’s JEDEC ID is FE
(1111 1110), which becomes 111 1110.
2. See the LXT971A/972A Specification Update (document number 249354) for the current version of the
Jedec continuation characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com