Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 12 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 12 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 8Page - Intel Corporation LXT971ABC Datasheet HTML 9Page - Intel Corporation LXT971ABC Datasheet HTML 10Page - Intel Corporation LXT971ABC Datasheet HTML 11Page - Intel Corporation LXT971ABC Datasheet HTML 12Page - Intel Corporation LXT971ABC Datasheet HTML 13Page - Intel Corporation LXT971ABC Datasheet HTML 14Page - Intel Corporation LXT971ABC Datasheet HTML 15Page - Intel Corporation LXT971ABC Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
12
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
1.0
Pin Assignments
Figure 2. LXT971A 64-Ball PBGA Assignments
MDINT
CRS
TXD3
TXD0
RX_ER
VCCD
RX_DV
RXD0
REF
CLK/XI
COL
TXD2
TX_EN
TX_ER
RX_
CLK
N/C
RXD1
XO
RESET
GND
TXD1
TX_
CLK
GND
N/C
RXD2
Tx
SLEW0
Tx
SLEW1
MDDIS
GND
VCCIO
RXD3
N/C
MDIO
ADDR0
ADDR1
GND
GND
VCCIO
LED/
CFG1
MDC
PWR
DWN
ADDR3
ADDR2
GND
GND
TDI
TMS
LED/
CFG2
LED/
CFG3
ADDR4
SD/TP
VCCA
VCCA
TDO
TCK
GND
GND
RBIAS
TPFOP
TPFON
TPFIP
TPFIN
TRST
SLEEP
PAUSE
2
3
4
5
6
7
8
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
1
2
3
4
5
6
7
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com