Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 71 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 71 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 67Page - Intel Corporation LXT971ABC Datasheet HTML 68Page - Intel Corporation LXT971ABC Datasheet HTML 69Page - Intel Corporation LXT971ABC Datasheet HTML 70Page - Intel Corporation LXT971ABC Datasheet HTML 71Page - Intel Corporation LXT971ABC Datasheet HTML 72Page - Intel Corporation LXT971ABC Datasheet HTML 73Page - Intel Corporation LXT971ABC Datasheet HTML 74Page - Intel Corporation LXT971ABC Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
71
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
6.0
Register Definitions
The LXT971A register set includes multiple 16-bit registers. Table 41 presents a complete register
listing. Table 42 is a complete memory map of all registers and Tables 43 through 58 provide
individual register definitions.
Base registers (0 through 8) are defined in accordance with the “Reconciliation Sublayer and
Media Independent Interface” and “Physical Layer Link Signaling for 10/100 Mbps Auto-
Negotiation” sections of the IEEE 802.3 standard.
Additional registers are defined in accordance with the IEEE 802.3 standard for adding unique chip
functions.
Table 41. Register Set
Address
Register Name
Bit Assignments
0
Control Register
Refer to Table 43 on page 74
1
Status Register #1
Refer to Table 44 on page 75
2
PHY Identification Register 1
Refer to Table 45 on page 76
3
PHY Identification Register 2
Refer to Table 46 on page 76
4
Auto-Negotiation Advertisement Register
Refer to Table 47 on page 77
5
Auto-Negotiation Link Partner Base Page Ability Register
Refer to Table 48 on page 78
6
Auto-Negotiation Expansion Register
Refer to Table 49 on page 79
7
Auto-Negotiation Next Page Transmit Register
Refer to Table 50 on page 79
8
Auto-Negotiation Link Partner Received Next Page Register
Refer to Table 51 on page 80
9
1000BASE-T/100BASE-T2 Control Register
Not Implemented
10
1000BASE-T/100BASE-T2 Status Register
Not Implemented
15
Extended Status Register
Not Implemented
16
Port Configuration Register
Refer to Table 52 on page 81
17
Status Register #2
Refer to Table 53 on page 82
18
Interrupt Enable Register
Refer to Table 54 on page 83
19
Interrupt Status Register
Refer to Table 55 on page 84
20
LED Configuration Register
Refer to Table 56 on page 85
21-25
Reserved
–
26
Digital Config Register
Refer to Table 57 on page 86
27-29
Reserved
–
30
Transmit Control Register
Refer to Table 58 on page 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com