Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 55 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 55 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 51Page - Intel Corporation LXT971ABC Datasheet HTML 52Page - Intel Corporation LXT971ABC Datasheet HTML 53Page - Intel Corporation LXT971ABC Datasheet HTML 54Page - Intel Corporation LXT971ABC Datasheet HTML 55Page - Intel Corporation LXT971ABC Datasheet HTML 56Page - Intel Corporation LXT971ABC Datasheet HTML 57Page - Intel Corporation LXT971ABC Datasheet HTML 58Page - Intel Corporation LXT971ABC Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
55
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Figure 27. ON Semiconductor Triple PECL-to-LVPECL Translator
5V
Vcc
D0
__
D0
VBB PECL
D1
__
D1
VBB PECL
D2
__
D2
GND
Vcc
Q0
__
Q0
LVCC
Q1
__
Q1
LVCC
Q2
__
Q2
Vcc
0.01
µF
0.01
µF
3.3V
LVPECL
Output Signal
(LXT971A)
PECL Input
Signal
(5V Fiber
Txcvr)
3.3V
130
Ω
82
Ω
5V
130
Ω
82
Ω
ON Semiconductor
MC100LVEL92
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
0.01
µF
3.3V
130
Ω
82
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com