Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 79 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 79 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 75Page - Intel Corporation LXT971ABC Datasheet HTML 76Page - Intel Corporation LXT971ABC Datasheet HTML 77Page - Intel Corporation LXT971ABC Datasheet HTML 78Page - Intel Corporation LXT971ABC Datasheet HTML 79Page - Intel Corporation LXT971ABC Datasheet HTML 80Page - Intel Corporation LXT971ABC Datasheet HTML 81Page - Intel Corporation LXT971ABC Datasheet HTML 82Page - Intel Corporation LXT971ABC Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
79
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 49. Auto-Negotiation Expansion (Address 6)
Bit
Name
Description
Type 1
Default
6.15:6
Reserved
Ignore on read.
RO
0
6.5
Base Page
This bit indicates the status of the auto-negotiation
variable base page. It flags synchronization with the
auto-negotiation state diagram, allowing detection of
interrupted links. This bit is only used if Register bit
16.1 (Alternate NP feature) is set.
1 = Base page = true
0 = Base page = false
RO/
LH
0
6.4
Parallel
Detection Fault
1 = Parallel detection fault has occurred.
0 = Parallel detection fault has not occurred.
RO/
LH
0
6.3
Link Partner
Next Page Able
1 = Link partner is next page able.
0 = Link partner is not next page able.
RO
0
6.2
Next Page Able
1 = Local device is next page able.
0 = Local device is not next page able.
RO
1
6.1
Page Received
1 = Indicates that a new page has been received and
the received code word has been loaded into Register
5 (Base Pages) or Register 8 (Next Pages) as specified
in Clause 28 of IEEE 802.3. This bit is cleared on Read.
If Register bit 16.1 is set, the Page Received bit is also
cleared when mr_page_rx = false or transmit_disable =
true.
RO
LH
0
6.0
Link Partner A/N
Able
1 = Link partner is auto-negotiation able.
0 = Link partner is not auto-negotiation able.
RO
0
1. RO = Read Only LH = Latching High
Table 50. Auto-Negotiation Next Page Transmit Register (Address 7)
Bit
Name
Description
Type 1
Default
7.15
Next Page
(NP)
1 = Additional next pages follow
0 = Last page
R/W
0
7.14
Reserved
Write as 0, ignore on read
RO
0
7.13
Message Page
(MP)
1 = Message page
0 = Unformatted page
R/W
1
7.12
Acknowledge 2
(ACK2)
1 = Complies with message
0 = Cannot comply with message
R/W
0
7.11
Toggle
(T)
1 = Previous value of the transmitted Link Code
Word equalled logic zero
0 = Previous value of the transmitted Link Code
Word equalled logic one
R/W
0
7.10:0
Message/Unformatted
Code Field
R/W
00000000
001
1. RO = Read Only. R/W = Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com