Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 3 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 3 Page - Intel Corporation

  LXT971ABC Datasheet HTML 1Page - Intel Corporation LXT971ABC Datasheet HTML 2Page - Intel Corporation LXT971ABC Datasheet HTML 3Page - Intel Corporation LXT971ABC Datasheet HTML 4Page - Intel Corporation LXT971ABC Datasheet HTML 5Page - Intel Corporation LXT971ABC Datasheet HTML 6Page - Intel Corporation LXT971ABC Datasheet HTML 7Page - Intel Corporation LXT971ABC Datasheet HTML 8Page - Intel Corporation LXT971ABC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
LXT971A 3.3 V Dual-Speed Fast Ethernet Transceiver
Datasheet
3
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Contents
1.0
Pin Assignments ..............................................................................................................................12
2.0
Signal Descriptions ..........................................................................................................................16
3.0
Functional Description.....................................................................................................................21
3.1
Introduction .......................................................................................................................21
3.1.1
Comprehensive Functionality .............................................................................21
3.1.2
OSP™ Architecture ............................................................................................21
3.2
Network Media / Protocol Support....................................................................................22
3.2.1
10/100 Network Interface ...................................................................................22
3.2.1.1 Twisted-Pair Interface ..........................................................................22
3.2.1.2 Fiber Interface.......................................................................................22
3.2.1.3 Fault Detection and Reporting..............................................................23
3.2.2
MII Data Interface...............................................................................................23
3.2.2.1 Increased MII Drive Strength ...............................................................23
3.2.3
Configuration Management Interface .................................................................24
3.2.3.1 MDIO Management Interface ..............................................................24
3.2.3.2 Hardware Control Interface ..................................................................25
3.3
Operating Requirements....................................................................................................26
3.3.1
Power Requirements ...........................................................................................26
3.3.2
Clock Requirements............................................................................................26
3.3.2.1 External Crystal/Oscillator ...................................................................26
3.3.2.2 MDIO Clock .........................................................................................26
3.4
Initialization.......................................................................................................................26
3.4.1
MDIO Control Mode ..........................................................................................26
3.4.2
Hardware Control Mode .....................................................................................27
3.4.3
Reduced Power Modes........................................................................................28
3.4.3.1 Hardware Power Down ........................................................................28
3.4.3.2 Software Power Down..........................................................................29
3.4.3.3 Sleep Mode ...........................................................................................29
3.4.4
Reset....................................................................................................................29
3.4.5
Hardware Configuration Settings........................................................................30
3.5
Establishing Link...............................................................................................................31
3.5.1
Auto-Negotiation ................................................................................................31
3.5.1.1 Base Page Exchange.............................................................................31
3.5.1.2 Next Page Exchange.............................................................................31
3.5.1.3 Controlling Auto-Negotiation...............................................................31
3.5.2
Parallel Detection................................................................................................31
3.6
MII Operation....................................................................................................................32
3.6.1
MII Clocks ..........................................................................................................32
3.6.2
Transmit Enable ..................................................................................................33
3.6.3
Receive Data Valid .............................................................................................33
3.6.4
Carrier Sense .......................................................................................................33
3.6.5
Error Signals .......................................................................................................33
3.6.6
Collision ..............................................................................................................33
3.6.7
Loopback.............................................................................................................34
3.6.7.1 Operational Loopback ..........................................................................35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com