Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 90 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 90 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 82Page - Intel Corporation LXT971ABC Datasheet HTML 83Page - Intel Corporation LXT971ABC Datasheet HTML 84Page - Intel Corporation LXT971ABC Datasheet HTML 85Page - Intel Corporation LXT971ABC Datasheet HTML 86Page - Intel Corporation LXT971ABC Datasheet HTML 87Page - Intel Corporation LXT971ABC Datasheet HTML 88Page - Intel Corporation LXT971ABC Datasheet HTML 89Page - Intel Corporation LXT971ABC Datasheet HTML 90Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 90 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
90
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
8.0
Product Ordering Information
Table 59. Product Information
Number
Revision
Qualification
Tray MM
Tape & Reel MM
DJLXT971ALC.A4
A4
S
834105
834916
DJLXT971ALE.A4
A4
S
835676
835791
FLLXT971ABC.A4
A4
S
834103
834926
FLLXT971ABE.A4
A4
S
834104
835080
Figure 45. Ordering Information - Sample
Temperature Range
A
C
E
= Ambient (0 - 55° C)
= Commercial (0 - 70° C)
= Extended (-40 - +85° C)
Product Revision
xn
= 2 Alphanumeric characters
Build Format
E000
E001
= Tray
= Tape and reel
DJ
S
A4
C
L
971A
LXT
E001
Internal Package Designator
L
P
N
Q
H
T
B
C
E
K
= LQFP
= PLCC
= DIP
= PQFP
= QFP with heat spreader
= TQFP
= BGA
= CBGA
= TBGA
= HSBGA (BGA with heat slug)
Qualification
Q
S
= Pre-production material
= Production material
IXA Product Prefix
LXT
IXE
IXF
IXP
= PHY layer device
= Switching engine
= Formatting device (MAC)
= Network processor
Intel Package Designator
DJ
FA
FL
FW
HB
HD
HF
HG
S
GC
N
= LQFP
= TQFP
= PBGA (<1.0 mm pitch)
= PBGA (1.27 mm pitch)
= QFP with heat spreader
= QFP with heat slug
= CBGA
= SOIC
= QFP
= TBGA
= PLCC
xxxx
= 3-5 Digit Alphanumeric Product Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com