Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 22 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 22 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 18Page - Intel Corporation LXT971ABC Datasheet HTML 19Page - Intel Corporation LXT971ABC Datasheet HTML 20Page - Intel Corporation LXT971ABC Datasheet HTML 21Page - Intel Corporation LXT971ABC Datasheet HTML 22Page - Intel Corporation LXT971ABC Datasheet HTML 23Page - Intel Corporation LXT971ABC Datasheet HTML 24Page - Intel Corporation LXT971ABC Datasheet HTML 25Page - Intel Corporation LXT971ABC Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
22
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.2
Network Media / Protocol Support
The LXT971A supports both 10BASE-T and 100BASE-TX Ethernet over twisted-pair, or
100 Mbps Ethernet over fiber media (100BASE-FX).
3.2.1
10/100 Network Interface
The network interface port consists of five external pins (two differential signal pairs and a signal
detect pin). The I/O pins are shared between twisted-pair (TP) and fiber. Refer to Figure 3 on page
13 for specific pin assignments.
The LXT971A output drivers generate either 100BASE-TX, 10BASE-T, or 100BASE-FX output.
When not transmitting data, the LXT971A generates 802.3-compliant link pulses or idle code.
Input signals are decoded either as a 100BASE-TX, 100BASE-FX, or 10BASE-T input, depending
on the mode selected. Auto-negotiation/parallel detection or manual control is used to determine
the speed of this interface.
3.2.1.1
Twisted-Pair Interface
The LXT971A supports either 100BASE-TX or 10BASE-T connections over 100
Ω, Category 5,
Unshielded Twisted Pair (UTP) cable. When operating at 100 Mbps, the LXT971A continuously
transmits and receives MLT3 symbols. When not transmitting data, the LXT971A generates
“IDLE” symbols.
During 10 Mbps operation, Manchester-encoded data is exchanged. When no data is being
exchanged, the line is left in an idle state. Link pulses are transmitted periodically to keep the link
up.
Only a transformer, RJ-45 connector, load resistor, and bypass capacitors are required to complete
this interface. On the transmit side, the LXT971A has an active internal termination and does not
require external termination resistors. Intel's patented waveshaping technology shapes the outgoing
signal to help reduce the need for external EMI filters. Four slew rate settings (refer to Table 4 on
page 18) allow the designer to match the output waveform to the magnetic characteristics. On the
receive side, the internal impedance is high enough that it has no practical effect on the external
termination circuit.
3.2.1.2
Fiber Interface
The LXT971A fiber port is designed to interface with common industry-standard fiber modules. It
incorporates a Low Voltage PECL interface that complies with the ANSI X3.166 standard for
seamless integration.
Fiber mode is selected through Register bit 16.0 by the following two methods:
1. Drive the SD input to a value greater than 600 mV during power-up and reset states (all
LVPECL signaling levels from a fiber transceiver are acceptable).
2. Configure Register bit 16.0 = 1 through the MDIO interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com