Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 35 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 35 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 31Page - Intel Corporation LXT971ABC Datasheet HTML 32Page - Intel Corporation LXT971ABC Datasheet HTML 33Page - Intel Corporation LXT971ABC Datasheet HTML 34Page - Intel Corporation LXT971ABC Datasheet HTML 35Page - Intel Corporation LXT971ABC Datasheet HTML 36Page - Intel Corporation LXT971ABC Datasheet HTML 37Page - Intel Corporation LXT971ABC Datasheet HTML 38Page - Intel Corporation LXT971ABC Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
35
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.6.7.1
Operational Loopback
Operational loopback is provided for 10 Mbps half-duplex links when Register bit 16.8 = 0. Data
transmitted by the MAC (TXData) is looped back on the receive side of the MII (RXData).
Operational loopback is not provided for 100 Mbps links, full-duplex links, or when 16.8 = 1.
3.6.7.2
Test Loopback
A test loopback function is provided for diagnostic testing of the LXT971A. During test loopback,
twisted-pair and fiber interfaces are disabled. Data transmitted by the MAC is internally looped
back by the LXT971A and returned to the MAC.
Test loopback is available for both 100BASE-TX and 10BASE-T operation, and is enabled by
setting the following register bits:
• Register bit 0.14 = 1
• Register bit 0.8 = 1 (full-duplex)
• Register bit 0.12 = 0 (disable auto-negotiation).
Test loopback is also available for 100BASE-FX operation. Test loopback in this mode is enabled
by setting Register bit 0.14 = 1 and tying the SD input to an LVPECL logic High value (2.4 V).
Figure 13. Loopback Paths
10T
Loopback
Digital
Block
MII
TX Driver
100X
Loopback
FX Driver
Analog
Block
LXT971A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com