Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 15 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 15 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 11Page - Intel Corporation LXT971ABC Datasheet HTML 12Page - Intel Corporation LXT971ABC Datasheet HTML 13Page - Intel Corporation LXT971ABC Datasheet HTML 14Page - Intel Corporation LXT971ABC Datasheet HTML 15Page - Intel Corporation LXT971ABC Datasheet HTML 16Page - Intel Corporation LXT971ABC Datasheet HTML 17Page - Intel Corporation LXT971ABC Datasheet HTML 18Page - Intel Corporation LXT971ABC Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
15
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
37
LED/CFG2
I/O
Table 7 on page 19
38
LED/CFG1
I/O
Table 7 on page 19
39
PWRDWN
Input
Table 4 on page 18
40
VCCIO
–
Table 5 on page 19
41
GND
–
Table 5 on page 19
42
MDIO
I/O
Table 2 on page 16
43
MDC
Input
Table 2 on page 16
44
N/C
–
Table 4 on page 18
45
RXD3
Output
Table 2 on page 16
46
RXD2
Output
Table 2 on page 16
47
RXD1
Output
Table 2 on page 16
48
RXD0
Output
Table 2 on page 16
49
RX_DV
Output
Table 2 on page 16
50
GND
–
Table 5 on page 19
51
VCCD
–
Table 5 on page 19
52
RX_CLK
Output
Table 2 on page 16
53
RX_ER
Output
Table 2 on page 16
54
TX_ER
Input
Table 2 on page 16
55
TX_CLK
Output
Table 2 on page 16
56
TX_EN
Input
Table 2 on page 16
57
TXD0
Input
Table 2 on page 16
58
TXD1
Input
Table 2 on page 16
59
TXD2
Input
Table 2 on page 16
60
TXD3
Input
Table 2 on page 16
61
GND
–
Table 5 on page 19
62
COL
Output
Table 2 on page 16
63
CRS
Output
Table 2 on page 16
64
MDINT
Open Drain
Table 2 on page 16
Table 1. LQFP Numeric Pin List (Continued)
Pin
Symbol
Type
Reference for
Full Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com