Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 38 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 38 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 34Page - Intel Corporation LXT971ABC Datasheet HTML 35Page - Intel Corporation LXT971ABC Datasheet HTML 36Page - Intel Corporation LXT971ABC Datasheet HTML 37Page - Intel Corporation LXT971ABC Datasheet HTML 38Page - Intel Corporation LXT971ABC Datasheet HTML 39Page - Intel Corporation LXT971ABC Datasheet HTML 40Page - Intel Corporation LXT971ABC Datasheet HTML 41Page - Intel Corporation LXT971ABC Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
38
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.7.2
Collision Indication
Figure 18 shows normal transmission. Upon detection of a collision, the COL output is asserted
and remains asserted for the duration of the collision as shown in Figure 19.
3.7.3
100BASE-X Protocol Sublayer Operations
With respect to the 7-layer communications model, the LXT971A is a Physical Layer 1 (PHY)
device. The LXT971A implements the Physical Coding Sublayer (PCS), Physical Medium
Attachment (PMA), and Physical Medium Dependent (PMD) sublayers of the reference model
defined by the IEEE 802.3u standard. The following paragraphs discuss LXT971A operation from
the reference model point of view.
3.7.3.1
PCS Sublayer
The Physical Coding Sublayer (PCS) provides the MII interface, as well as the 4B/5B encoding/
decoding function.
For 100BASE-TX and 100FX operation, the PCS layer provides IDLE symbols to the PMD-layer
line driver as long as TX_EN is de-asserted.
3.7.3.1.1 Preamble Handling
When the MAC asserts TX_EN, the PCS substitutes a /J/K symbol pair, also known as the Start-of-
Stream Delimiter (SSD), for the first two nibbles received across the MII. The PCS layer continues
to encode the remaining MII data, following the coding in Table 11, until TX_EN is de-asserted. It
then returns to supplying IDLE symbols to the line driver.
Figure 18. 100BASE-TX Transmission with No Errors
Figure 19. 100BASE-TX Transmission with Collision
DA DA DA DA DA
DA
DA
DA DA
TX_CLK
TX_EN
TXD<3:0>
CRS
COL
PR
E
A
M
B
L
E
JAM
TX_CLK
TX_EN
TXD<3:0>
CRS
COL
PR
E
A
M
B
L
E
JAM
JAM
JAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com