Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 52 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 52 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 48Page - Intel Corporation LXT971ABC Datasheet HTML 49Page - Intel Corporation LXT971ABC Datasheet HTML 50Page - Intel Corporation LXT971ABC Datasheet HTML 51Page - Intel Corporation LXT971ABC Datasheet HTML 52Page - Intel Corporation LXT971ABC Datasheet HTML 53Page - Intel Corporation LXT971ABC Datasheet HTML 54Page - Intel Corporation LXT971ABC Datasheet HTML 55Page - Intel Corporation LXT971ABC Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
52
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
4.3
The Fiber Interface
The fiber interface consists of an LVPECL transmit and receive pair to an external fiber-optic
transceiver. Both 3.3 V fiber-optic transceivers and 5 V fiber-optic transceivers can be used with
the LXT971A.
The following should occur in 3.3 V fiber transceiver applications as shown in Figure 25:
• The transmit pair should be DC-coupled with the 50 Ω/16 Ω pull-up combination
• The receive pair should be DC-coupled with an emitter current path for the fiber transceiver
• The signal detect pin should be DC-coupled with an emitter current path for the fiber
transceiver
Refer to the fiber transceiver manufacturer’s recommendations for termination circuitry. Figure 25
shows a typical example of an LXT971A-to-3.3 V fiber transceiver interface.
The following occurs in 5 V fiber transceiver applications as shown in Figure 26:
• The transmit pair should be AC-coupled and re-biased to 5 V PECL input levels
• The receive pair should be AC-coupled with an emitter current path for the fiber transceiver
and re-biased to 3.3 V LVPECL input levels.
The signal detect pin on a 5 V fiber transceiver interface should use the logic translator circuitry as
shown in Figure 27. Refer to the fiber transceiver manufacturer’s recommendations for termination
circuitry. Figure 26 shows a typical example of an LXT971A-to-5 V fiber transceiver interface,
while Figure 27 shows the interface circuitry for the logic translator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com