Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 48 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 48 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 44Page - Intel Corporation LXT971ABC Datasheet HTML 45Page - Intel Corporation LXT971ABC Datasheet HTML 46Page - Intel Corporation LXT971ABC Datasheet HTML 47Page - Intel Corporation LXT971ABC Datasheet HTML 48Page - Intel Corporation LXT971ABC Datasheet HTML 49Page - Intel Corporation LXT971ABC Datasheet HTML 50Page - Intel Corporation LXT971ABC Datasheet HTML 51Page - Intel Corporation LXT971ABC Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
48
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
4.0
Application Information
4.1
Magnetics Information
The LXT971A requires a 1:1 ratio for both the receive and transmit transformers. The transformer
isolation voltage should be rated at 2 kV to protect the circuitry from static voltages across the
connectors and cables. Refer to Table 15 for transformer requirements.
A cross-reference list of magnetic manufacturers and part numbers is available in Magnetic
Manufacturers for Networking Product Applications (document number 248991) and is found on
the Intel web site (www.Intel.com). Before committing to a specific component, contact the
manufacturer for current product specifications and validate the magnetics for the specific
application.
4.2
Typical Twisted-Pair Interface
Table 16 provides a comparison of the RJ-45 connections for NIC and Switch applications in a
typical twisted-pair interface setting.
Figure 22 on page 49 shows a typical twisted-pair interface with the RJ-45 connections crossed
over for a Switch configuration. Figure 23 on page 50 provides a typical twisted-pair interface with
the RJ-45 connections configured for a NIC application.
Table 15. Magnetics Requirements
Parameter
Min
Nom
Max
Units
Test Condition
Rx turns ratio
–
1 : 1
–
–
–
Tx turns ratio
–
1 : 1
–
–
–
Insertion loss
0.0
0.6
1.1
dB
–
Primary inductance
350
–
–
µH–
Transformer isolation
–
1.5
–
kV
–
Differential to common mode rejection
40
–
–
dB
.1 to 60 MHz
35
–
–
dB
60 to 100 MHz
Return Loss
-16
–
–
dB
30 MHz
-10
–
–
dB
80 MHz
Table 16. I/O Pin Comparison of NIC and Switch RJ-45 Setups
Symbol
RJ-45
Switch
NIC
TPIP
1
3
TPIN
2
6
TPOP
3
1
TPON
6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com