Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 70 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 70 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 66Page - Intel Corporation LXT971ABC Datasheet HTML 67Page - Intel Corporation LXT971ABC Datasheet HTML 68Page - Intel Corporation LXT971ABC Datasheet HTML 69Page - Intel Corporation LXT971ABC Datasheet HTML 70Page - Intel Corporation LXT971ABC Datasheet HTML 71Page - Intel Corporation LXT971ABC Datasheet HTML 72Page - Intel Corporation LXT971ABC Datasheet HTML 73Page - Intel Corporation LXT971ABC Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
70
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Figure 40. Power-Up Timing
Table 39. Power-Up Timing Parameters
Parameter
Symbol
Min
Typ1
Max
Units
Test Conditions
Voltage threshold
v1
–
2.9
–
V
–
Power Up delay2
t1
–
–
300
µs–
1. Typical values are at 25° C and are for design aid only; not guaranteed and not subject to production
testing.
2. Power-up delay is specified as a maximum value because it refers to the PHY guaranteed performance -
the PHY comes out of reset after a delay of No MORE Than 300
µs. System designers should consider this
as a minimum value - After threshold v1 is reached, the MAC should delay No LESS Than 300
µs before
accessing the MDIO port.
Figure 41. RESET Pulse Width and Recovery Timing
Table 40. RESET Pulse Width and Recovery Timing Parameters
Parameter
Symbol
Min
Typ1
Max
Units
Test Conditions
RESET pulse width
t1
10
–
–
ns
–
RESET recovery delay2
t2
–
300
µs–
1. Typical values are at 25° C and are for design aid only; not guaranteed and not subject to production
testing.
2. Reset Recovery Delay is specified as a maximum value because it refers to the PHY guaranteed
performance - the PHY comes out of reset after a delay of No MORE Than 300
µs. System designers
should consider this as a minimum value - After de-asserting RESET*, the MAC should delay No LESS
Than 300
µs before accessing the MDIO port.
t1
VCC
MDIO,etc
v1
t2
RESET
MDIO,etc
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com