Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 37 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 37 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 33Page - Intel Corporation LXT971ABC Datasheet HTML 34Page - Intel Corporation LXT971ABC Datasheet HTML 35Page - Intel Corporation LXT971ABC Datasheet HTML 36Page - Intel Corporation LXT971ABC Datasheet HTML 37Page - Intel Corporation LXT971ABC Datasheet HTML 38Page - Intel Corporation LXT971ABC Datasheet HTML 39Page - Intel Corporation LXT971ABC Datasheet HTML 40Page - Intel Corporation LXT971ABC Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
37
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
As shown in Figure 14 on page 36, the MAC starts each transmission with a preamble pattern. As
soon as the LXT971A detects the start of preamble, it transmits a Start-of-Stream Delimiter (SSD,
symbols J and K) to the network. It then encodes and transmits the rest of the packet, including the
balance of the preamble, the SFD, packet data, and CRC.
Once the packet ends, the LXT971A transmits the End-of- Stream Delimiter (ESD, symbols T and
R) and then returns to transmitting Idle symbols. 4B/5B coding is shown in Table 11 on page 40.
Figure 16 shows normal reception with no errors. When the LXT971A receives invalid symbols
from the line, it asserts RX_ER as shown in Figure 17.
Figure 15. 100BASE-TX Data Path
S0
S1
S2
S3
S4
Parallel
to
Serial
Serial
to
Parallel
MLT3
0
+1
-1
00
Transition = 1.
No Transition = 0.
All transitions must follow
pattern: 0, +1, 0, -1, 0, +1...
Scrambler Bypass Data Flow
S0 S1 S2 S3 S4
Standard Data Flow
D0
D1
D2
D3
Parallel
to
Serial
Serial
to
Parallel
D0 D1 D2 D3
4B/5B
S0 S1 S2 S3 S4
MLT3
0
+1
-1
00
Transition = 1.
No Transition = 0.
All transitions must follow
pattern: 0, +1, 0, -1, 0, +1...
Scramble
De-
Scramble
Figure 16. 100BASE-TX Reception with No Errors
Figure 17. 100BASE-TX Reception with Invalid Symbol
RX_CLK
RX_DV
RXD<3:0>
RX_ER
preamble SFD SFD DA
DA
DA
DA
CRC
CRC
CRC
CRC
RX_CLK
RX_DV
RXD<3:0>
RX_ER
preamble SFD SFD DA
DA
XX
XX
XX
XX
XX
XX
XX
XX
XX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com