Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 76 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 76 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 72Page - Intel Corporation LXT971ABC Datasheet HTML 73Page - Intel Corporation LXT971ABC Datasheet HTML 74Page - Intel Corporation LXT971ABC Datasheet HTML 75Page - Intel Corporation LXT971ABC Datasheet HTML 76Page - Intel Corporation LXT971ABC Datasheet HTML 77Page - Intel Corporation LXT971ABC Datasheet HTML 78Page - Intel Corporation LXT971ABC Datasheet HTML 79Page - Intel Corporation LXT971ABC Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
76
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 45. PHY Identification Register 1 (Address 2)
Bit
Name
Description
Type 1
Default
2.15:0
PHY ID Number
The PHY identifier composed of bits 3 through 18 of
the OUI.
RO
0013 hex
1. RO = Read Only
Table 46. PHY Identification Register 2 (Address 3)
Bit
Name
Description
Type 1
Default
3.15:10
PHY ID number
The PHY identifier composed of bits 19
through 24 of the OUI.
RO
011110
3.9:4
Manufacturer’s
model number
6 bits containing manufacturer’s part number.
RO
001110
3.3:0
Manufacturer’s
revision number
4 bits containing manufacturer’s revision
number.
RO
xxxx
(See the
LXT971A/972A
Specification
Update)
1. RO = Read Only
Figure 42. PHY Identifier Bit Mapping
0
00000
0
0
0 0
00010 011011110 00111000
ab c
r s
x
15
0
15
10 9
4 3
0
00
The Intel OUI is 00207B hex
PHY ID Register #1 (address 2) = 0013
PHY ID Register #2 (Address 3)
Manufacturer’s
Model Number
Revision
Number
Organizationally Unique Identifier
00
20
7B
50 3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com