Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 78 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 78 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 74Page - Intel Corporation LXT971ABC Datasheet HTML 75Page - Intel Corporation LXT971ABC Datasheet HTML 76Page - Intel Corporation LXT971ABC Datasheet HTML 77Page - Intel Corporation LXT971ABC Datasheet HTML 78Page - Intel Corporation LXT971ABC Datasheet HTML 79Page - Intel Corporation LXT971ABC Datasheet HTML 80Page - Intel Corporation LXT971ABC Datasheet HTML 81Page - Intel Corporation LXT971ABC Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
78
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 48. Auto-Negotiation Link Partner Base Page Ability Register (Address 5)
Bit
Name
Description
Type 1
Default
5.15
Next Page
1 = Link Partner has ability to send multiple pages.
0 = Link Partner has no ability to send multiple pages.
RO
N/A
5.14
Acknowledge
1 = Link Partner has received Link Code Word from
LXT971A.
0 = Link Partner has not received Link Code Word from
the
LXT971A.
RO
N/A
5.13
Remote Fault
1 = Remote fault.
0 = No remote fault.
RO
N/A
5.12
Reserved
Ignore.
RO
N/A
5.11
Asymmetric
Pause
Pause operation defined in Clause 40 and 27.
1 = Link Partner is Pause capable.
0 = Link Partner is not Pause capable.
RO
N/A
5.10
Pause
1 = Link Partner is Pause capable.
0 = Link Partner is not Pause capable.
RO
N/A
5.9
100BASE-T4
1 = Link Partner is 100BASE-T4 capable.
0 = Link Partner is not 100BASE-T4 capable.
RO
N/A
5.8
100BASE-TX
full-duplex
1 = Link Partner is 100BASE-TX full-duplex capable.
0 = Link Partner is not 100BASE-TX full-duplex
capable.
RO
N/A
5.7
100BASE-TX
1 = Link Partner is 100BASE-TX capable.
0 = Link Partner is not 100BASE-TX capable.
RO
N/A
5.6
10BASE-T
full-duplex
1 = Link Partner is 10BASE-T full-duplex capable.
0 = Link Partner is not 10BASE-T full-duplex capable.
RO
N/A
5.5
10BASE-T
1 = Link Partner is 10BASE-T capable.
0 = Link Partner is not 10BASE-T capable.
RO
N/A
5.4:0
Selector Field
S<4:0>
<00001> = IEEE 802.3.
<00010> = IEEE 802.9 ISLAN-16T.
<00000> = Reserved for future auto-negotiation
development.
<11111> = Reserved for future auto-negotiation
development.
Unspecified or reserved combinations shall not be
transmitted.
RO
N/A
1. RO = Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com