Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 46 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 46 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 42Page - Intel Corporation LXT971ABC Datasheet HTML 43Page - Intel Corporation LXT971ABC Datasheet HTML 44Page - Intel Corporation LXT971ABC Datasheet HTML 45Page - Intel Corporation LXT971ABC Datasheet HTML 46Page - Intel Corporation LXT971ABC Datasheet HTML 47Page - Intel Corporation LXT971ABC Datasheet HTML 48Page - Intel Corporation LXT971ABC Datasheet HTML 49Page - Intel Corporation LXT971ABC Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
46
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
When a long event (such as duplex status) occurs it is edge detected and it starts the stretch timer.
When the stretch timer expires the edge detector is reset so that a long event causes another pulse to
be generated from the edge detector which resets the stretch timer and causes the LED driver to
remain asserted. Figure 21 shows how the stretch operation functions.
3.10
Boundary Scan (JTAG1149.1) Functions
LXT971A includes a IEEE 1149.1 boundary scan test port for board level testing. All digital input,
output, and input/output pins are accessible. The BSDL file is available by contacting your local
sales office or by accessing the Intel website (www.intel.com).
3.10.1
Boundary Scan Interface
This interface consists of five pins (TMS, TDI, TDO, TRST, and TCK). It includes a state machine,
data register array, and instruction register. The TMS and TDI pins are internally pulled up. TCK is
internally pulled down. TDO does not have an internal pull-up or pull-down.
3.10.2
State Machine
The TAP controller is a 16 state machine driven by the TCK and TMS pins. Upon reset the
TEST_LOGIC_RESET state is entered. The state machine is also reset when TMS and TDI are
high for five TCK periods.
3.10.3
Instruction Register
After the state machine resets, the IDCODE instruction is always invoked. The decode logic
ensures the correct data flow to the Data registers according to the current instruction. Valid
instructions are listed in Table 13.
3.10.4
Boundary Scan Register (BSR)
Each Boundary Scan Register (BSR) cell has two stages. A flip-flop and a latch are used for the
serial shift stage and the parallel output stage. There are four modes of operation as listed in
Table 12.
Figure 21. LED Pulse Stretching
Event
LED
Note: The direct drive LED outputs in this diagram are shown as active Low.
stretch
stretch
stretch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com