Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 18 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 18 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 14Page - Intel Corporation LXT971ABC Datasheet HTML 15Page - Intel Corporation LXT971ABC Datasheet HTML 16Page - Intel Corporation LXT971ABC Datasheet HTML 17Page - Intel Corporation LXT971ABC Datasheet HTML 18Page - Intel Corporation LXT971ABC Datasheet HTML 19Page - Intel Corporation LXT971ABC Datasheet HTML 20Page - Intel Corporation LXT971ABC Datasheet HTML 21Page - Intel Corporation LXT971ABC Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
18
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 4. LXT971A Miscellaneous Signal Descriptions
PBGA
Pin#
LQFP
Pin#
Symbol
Type1
Signal Description
D1
D2
5
6
TxSLEW0
TxSLEW1
I
Tx Output Slew Controls 0 and 1. These pins select the TX
output slew rate (rise and fall time) as follows:
TxSLEW1
TxSLEW0
Slew Rate (Rise and Fall Time)
0
0
3.0 ns
0
1
3.4 ns
1
0
3.9 ns
1
1
4.4 ns
C2
4
RESET
I
Reset. This active Low input is OR’ed with the control
register Reset bit (Register bit 0.15). The LXT971A reset
cycle is extended to 258
µs (nominal) after reset is de-
asserted.
G1
F1
F2
E2
E1
16
15
14
13
12
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
I
I
I
I
I
Address <4:0>. Sets device address.
H1
17
RBIAS
AI
Bias. This pin provides bias current for the internal circuitry.
Must be tied to ground through a 22.1 k
Ω, 1% resistor.
H8
33
PAUSE
I
Pause. When set High, the LXT971A advertises Pause
capabilities during auto-negotiation.
H7
32
SLEEP
I
Sleep. When set High, this pin enables the LXT971A to go
into a low-power sleep mode. The value of this pin can be
overridden by Register bit 16.6 when in managed mode.
E8
39
PWRDWN
I
Power Down. When set High, this pin puts the LXT971A in a
power-down mode.
B1
C1
1
2
REFCLK/XI
XO
I
O
Crystal Input and Output. A 25 MHz crystal oscillator circuit
can be connected across XI and XO. A clock can also be
used at XI. Refer to “Clock Requirements” on page 26 in the
Functional Description section.
B7, C7
D7
9, 10
44
N/C
-
No Connection. These pins are not used and should not be
terminated.
1. Type Column Coding: I = Input, O = Output, A = Analog, OD = Open Drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com