Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 83 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 83 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 79Page - Intel Corporation LXT971ABC Datasheet HTML 80Page - Intel Corporation LXT971ABC Datasheet HTML 81Page - Intel Corporation LXT971ABC Datasheet HTML 82Page - Intel Corporation LXT971ABC Datasheet HTML 83Page - Intel Corporation LXT971ABC Datasheet HTML 84Page - Intel Corporation LXT971ABC Datasheet HTML 85Page - Intel Corporation LXT971ABC Datasheet HTML 86Page - Intel Corporation LXT971ABC Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
83
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 54. Interrupt Enable Register (Address 18)
Bit
Name
Description
Type 1
Default
18.15:9
Reserved
Write as 0; ignore on read.
R/W
N/A
18.8
Reserved
Write as 0; ignore on read.
R/W
0
18.7
ANMSK
Mask for Auto Negotiate Complete
1 = Enable event to cause interrupt.
0 = Do not allow event to cause interrupt.
R/W
0
18.6
SPEEDMSK
Mask for Speed Interrupt
1 = Enable event to cause interrupt.
0 = Do not allow event to cause interrupt.
R/W
0
18.5
DUPLEXMSK
Mask for Duplex Interrupt
1 = Enable event to cause interrupt.
0 = Do not allow event to cause interrupt.
R/W
0
18.4
LINKMSK
Mask for Link Status Interrupt
1 = Enable event to cause interrupt.
0 = Do not allow event to cause interrupt.
R/W
0
18.3
Reserved
Write as 0, ignore on read.
R/W
0
18.2
Reserved
Write as 0, ignore on read.
R/W
0
18.1
INTEN
1 = Enable interrupts.
0 = Disable interrupts.
R/W
0
18.0
TINT
1 = Force interrupt on MDINT.
0 = Normal operation.
R/W
0
1. R/W = Read /Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com