Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 50 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 50 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 46Page - Intel Corporation LXT971ABC Datasheet HTML 47Page - Intel Corporation LXT971ABC Datasheet HTML 48Page - Intel Corporation LXT971ABC Datasheet HTML 49Page - Intel Corporation LXT971ABC Datasheet HTML 50Page - Intel Corporation LXT971ABC Datasheet HTML 51Page - Intel Corporation LXT971ABC Datasheet HTML 52Page - Intel Corporation LXT971ABC Datasheet HTML 53Page - Intel Corporation LXT971ABC Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
50
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Figure 23. Typical Twisted-Pair Interface - NIC
TPFIP
TPFIN
* = 0.001
µF / 2.0 kV
1:1
LXT971A
1:1
1
TPFOP
TPFON
VCCA
GND
0.1
µF
.01
µF
2
270 pF 5%
270 pF 5%
0.01
µF
50
Ω 1%
50
Ω 1%
**
3
SD/TP
6
3
8
7
5
4
1
2
50
Ω
50
Ω
50
Ω
RJ-45
50
Ω
50
Ω
50
Ω
4
0.1
µF
1. Center-tap current may be supplied from 3.3 V VCCA as shown. Additional power savings may
be realized by supplying the center-tap from a 2.5 V current source. A separate ferrite bead
(rated at 50 mA) should be used to supply center-tap current.
2. The 100
Ω transmit load termination resistor typically required is integrated in the LXT971A.
3. Magnetics without a receive pair center-tap do not require a 2 kV termination.
4. RJ-45 connections shown for standard NIC. TX/RX crossover may be required for repeater and
switch applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com