Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 32 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 32 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 28Page - Intel Corporation LXT971ABC Datasheet HTML 29Page - Intel Corporation LXT971ABC Datasheet HTML 30Page - Intel Corporation LXT971ABC Datasheet HTML 31Page - Intel Corporation LXT971ABC Datasheet HTML 32Page - Intel Corporation LXT971ABC Datasheet HTML 33Page - Intel Corporation LXT971ABC Datasheet HTML 34Page - Intel Corporation LXT971ABC Datasheet HTML 35Page - Intel Corporation LXT971ABC Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
32
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.6
MII Operation
The LXT971A device implements the Media Independent Interface (MII) as defined in the IEEE
802.3 standard. Separate channels are provided for transmitting data from the MAC to the
LXT971A (TXD), and for passing data received from the line (RXD) to the MAC. Each channel
has its own clock, data bus, and control signals. Nine signals are used to pass received data to the
MAC: RXD<3:0>, RX_CLK, RX_DV, RX_ER, COL, and CRS. Seven signals are used to transmit
data from the MAC: TXD<3:0>, TX_CLK, TX_EN, and TX_ER.
The LXT971A supplies both clock signals as well as separate outputs for carrier sense and
collision. Data transmission across the MII is normally implemented in 4-bit-wide nibbles.
3.6.1
MII Clocks
The LXT971A is the master clock source for data transmission and supplies both MII clocks
(RX_CLK and TX_CLK). It automatically sets the clock speeds to match link conditions. When
the link is operating at 100 Mbps, the clocks are set to 25 MHz. When the link is operating at 10
Mbps, the clocks are set to 2.5 MHz. Figures 10 through 12 show the clock cycles for each mode.
The transmit data and control signals must always be synchronized to TX_CLK by the MAC. The
LXT971A samples these signals on the rising edge of TX_CLK.
Figure 9. Link Establishment Overview
Check Value
0.12
Start
Done
Enable
Auto-Neg/Parallel Detection
Go To Forced
Settings
Attempt Auto-
Negotiation
Listen for 10T
Link Pulses
Listen for 100TX
Idle Symbols
Link Up?
NO
YES
Power-Up, Reset,
Waking up from
Sleep mode, or
Link Failure
Disable
Auto-Negotiation
0.12 = 0
0.12 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com