Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 11 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 11 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 7Page - Intel Corporation LXT971ABC Datasheet HTML 8Page - Intel Corporation LXT971ABC Datasheet HTML 9Page - Intel Corporation LXT971ABC Datasheet HTML 10Page - Intel Corporation LXT971ABC Datasheet HTML 11Page - Intel Corporation LXT971ABC Datasheet HTML 12Page - Intel Corporation LXT971ABC Datasheet HTML 13Page - Intel Corporation LXT971ABC Datasheet HTML 14Page - Intel Corporation LXT971ABC Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
11
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Figure 1. LXT971A Block Diagram
TX_EN
RX_ER
CRS
Power Supply
Management /
Mode Select
Logic
ADDR<4:0>
MDIO
MDC
TX_ER
RXDV
TPFON
TPFOP
TPFIN
TPFIP
REFCLK
VCC
GND
COL
RX_CLK
TX_CLK
LED/CFG<3:1>
TXD<3:0>
Decoder &
Descrambler
+
-
+
-
Serial-to-
Parallel
Converter
Scrambler
& Encoder
Parallel/Serial
Converter
Carrier Sense
Data Valid
Error Detect
Auto
Negotiation
Manchester
Decoder
Manchester
Encoder
10
100
10
100
Media
Select
TP
Driver
TP/Fiber
Out
ECL
Driver
Register
Set
Register Set
Clock
Generator
+
-
100FX
+
-
10BT
Collision
Detect
Clock
Generator
OSP™
Adaptive EQ with
Baseline Wander
Cancellation
OSP™
Slicer
OSP™
Pulse
Shaper
RXD<3:0>
+
-
100TX
TP/Fiber In
MDDIS
TxSLEW<1:0>
PWRDWN
JTAG
5
TDIO
TMS
TCK
TRST
SD/TP
RESET
MDINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com