Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 81 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 81 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 77Page - Intel Corporation LXT971ABC Datasheet HTML 78Page - Intel Corporation LXT971ABC Datasheet HTML 79Page - Intel Corporation LXT971ABC Datasheet HTML 80Page - Intel Corporation LXT971ABC Datasheet HTML 81Page - Intel Corporation LXT971ABC Datasheet HTML 82Page - Intel Corporation LXT971ABC Datasheet HTML 83Page - Intel Corporation LXT971ABC Datasheet HTML 84Page - Intel Corporation LXT971ABC Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
81
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 52. Configuration Register (Address 16, Hex 10)
Bit
Name
Description
Type 1
Default
16.15
Reserved
Write as zero, ignore on read.
R/W
0
16.14
Force Link Pass
1 = Force Link pass
0 = Normal operation
R/W
0
16.13
Transmit Disable
1 = Disable Twisted Pair transmitter
0 = Normal Operation
R/W
0
16.12
Bypass Scrambler
(100BASE-TX)
1 = Bypass Scrambler and Descrambler
0 = Normal Operation
R/W
0
16.11
Reserved
Ignore
R/W
0
16.10
Jabber
(10BASE-T)
1 = Disable Jabber Correction
0 = Normal operation
R/W
0
16.9
SQE
(10BASE-T)
1 = Enable Heart Beat
0 = Disable Heart Beat
R/W
0
16.8
TP Loopback
(10BASE-T)
1 = Disable TP loopback during half-duplex
operation
0 = Normal Operation
R/W
0
16.7
CRS Select
(10BASE-T)
1 = CRS deassert extends to RX_DV deassert
0 = Normal Operation
R/W
1
16.6
Sleep Mode
1 = Enable Sleep Mode
0 = Disable Sleep Mode
R/W
Note 2
16.5
PRE_EN
Preamble Enable.
0 = Set RX_DV high coincident with SFD.
1 = Set RX_DV high and RXD = preamble when
CRS is asserted.
R/W
0
16.4:3
Sleep Timer
00 = 3.04 seconds
01 = 2.00 seconds
10 = 1.04 seconds
R/W
00
16.2
Fault Code
Enable
1 = Enable FEFI transmission
0 = Disable FEFI transmission
R/W
1
16.1
Alternate NP
feature
1 = Enable alternate auto negotiate next page
feature.
0 = Disable alternate auto negotiate next page
feature
R/W
0
16.0
Fiber Select
1 = Select fiber mode.
0 = Select TP mode.
R/W
Note 3
1. R/W = Read /Write
LHR = Latches High on Reset
2. The default value of Register bit 16.6 is determined by the state of the SLEEP pin 32/H7.
3. The default value of Register bit 16.0 is determined by pin 26/G2 (SD/TP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com