Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 19 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 19 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 15Page - Intel Corporation LXT971ABC Datasheet HTML 16Page - Intel Corporation LXT971ABC Datasheet HTML 17Page - Intel Corporation LXT971ABC Datasheet HTML 18Page - Intel Corporation LXT971ABC Datasheet HTML 19Page - Intel Corporation LXT971ABC Datasheet HTML 20Page - Intel Corporation LXT971ABC Datasheet HTML 21Page - Intel Corporation LXT971ABC Datasheet HTML 22Page - Intel Corporation LXT971ABC Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
19
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 5. LXT971A Power Supply Signal Descriptions
PBGA
Pin#
LQFP
Pin#
Symbol
Type
Signal Description
A6
51
VCCD
–
Digital Power. Requires a 3.3V power supply.
D4, E3
E4, F3
F4, C6,
C3, G7,
G8
7, 11, 18,
25, 34,
35, 41,
50, 61
GND
–
Ground.
E5, D5
8, 40
VCCIO
–
MII Power. Requires either a 3.3V or a 2.5V supply. Must
be supplied from the same source used to power the MAC
on the other side of the MII.
G3, G4
21, 22
VCCA
–
Analog Power. Requires a 3.3V power supply.
Table 6. LXT971A JTAG Test Signal Descriptions
PBGA
Pin#
LQFP
Pin#
Symbol
Type1
Signal Description
F5
27
TDI2
I
Test Data Input. Test data sampled with respect to the
rising edge of TCK.
G5
28
TDO2
O
Test Data Output. Test data driven with respect to the
falling edge of TCK.
F6
29
TMS2
I
Test Mode Select.
G6
30
TCK2
I
Test Clock. Test clock input sourced by ATE.
H6
31
TRST2
I
Test Reset. Test reset input sourced by ATE.
1. Type Column Coding: I = Input, O = Output, A = Analog, OD = Open Drain.
2. If JTAG port is not used, these pins do not need to be terminated.
Table 7. LXT971A LED Signal Descriptions
PBGA
Pin#
LQFP
Pin#
Symbol
Type1
Signal Description
E6
F7
F8
38
37
36
LED/CFG1
LED/CFG2
LED/CFG3
I/O
LED Drivers 1-3. These pins drive LED indicators. Each
LED can display one of several available status
conditions as selected by the LED Configuration Register
(refer to Table 56 on page 85 for details).
Configuration Inputs 1-3. These pins also provide initial
configuration settings (refer to Table 9 on page 30 for
details).
1. Type Column Coding: I = Input, O = Output, A = Analog, OD = Open Drain.
2. Pull-up/pull-down resistors of 10 k can be implemented if LEDs are used in the design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com