Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 65 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 65 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 61Page - Intel Corporation LXT971ABC Datasheet HTML 62Page - Intel Corporation LXT971ABC Datasheet HTML 63Page - Intel Corporation LXT971ABC Datasheet HTML 64Page - Intel Corporation LXT971ABC Datasheet HTML 65Page - Intel Corporation LXT971ABC Datasheet HTML 66Page - Intel Corporation LXT971ABC Datasheet HTML 67Page - Intel Corporation LXT971ABC Datasheet HTML 68Page - Intel Corporation LXT971ABC Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
65
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Figure 32. 10BASE-T Receive Timing
Table 33. 10BASE-T Receive Timing Parameters
Parameter
Sym
Min
Typ1
Max
Units2
Test Conditions
RXD, RX_DV, RX_ER Setup to
RX_CLK High
t1
10
–
–
ns
–
RXD, RX_DV, RX_ER Hold from
RX_CLK High
t2
10
–
–
ns
–
TPFIP/N in to RXD out (Rx latency)
t3
4.2
–
6.6
BT
–
CRS asserted to RXD, RX_DV,
RX_ER asserted
t4
5
–
32
BT
–
RXD, RX_DV, RX_ER de-asserted to
CRS de-asserted
t5
0.3
–
0.5
BT
–
TPFI in to CRS asserted
t6
2
–
28
BT
–
TPFI quiet to CRS de-asserted
t7
6
–
10
BT
–
TPFI in to COL asserted
t8
1
–
31
BT
–
TPFI quiet to COL de-asserted
t9
5
–
10
BT
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
2. BT is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit rate.
10BASE-T bit time = 10-7 s or 100 ns.
RX_CLK
RXD,
RX_DV,
RX_ER
CRS
TPFI
t3
t4
t2
t6
t1
t7
t5
COL
t8
t9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com