Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 62 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 62 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 58Page - Intel Corporation LXT971ABC Datasheet HTML 59Page - Intel Corporation LXT971ABC Datasheet HTML 60Page - Intel Corporation LXT971ABC Datasheet HTML 61Page - Intel Corporation LXT971ABC Datasheet HTML 62Page - Intel Corporation LXT971ABC Datasheet HTML 63Page - Intel Corporation LXT971ABC Datasheet HTML 64Page - Intel Corporation LXT971ABC Datasheet HTML 65Page - Intel Corporation LXT971ABC Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
62
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Figure 29. 100BASE-TX Transmit Timing - 4B Mode
Table 30. 100BASE-TX Transmit Timing Parameters - 4B Mode
Parameter
Symbol
Min
Typ1
Max
Units2
Test Conditions
TXD<3:0>, TX_EN, TX_ER setup to
TX_CLK High
t1
12
–
–
ns
–
TXD<3:0>, TX_EN, TX_ER hold from
TX_CLK High
t2
0
–
–
ns
–
TX_EN sampled to CRS asserted
t3
20
–
24
BT
–
TX_EN sampled to CRS de-asserted
t4
24
–
28
BT
–
TX_EN sampled to TPFO out (Tx
latency)
t5
5.3
–
5.7
BT
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
2. BT is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit rate.
100BASE-T bit time = 10-8 s or 10 ns.
t1
t2
t5
t3
t4
0ns
250ns
TXCLK
TX_EN
TXD<3:0>
TPFO
CRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com