Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 6 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 6 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 2Page - Intel Corporation LXT971ABC Datasheet HTML 3Page - Intel Corporation LXT971ABC Datasheet HTML 4Page - Intel Corporation LXT971ABC Datasheet HTML 5Page - Intel Corporation LXT971ABC Datasheet HTML 6Page - Intel Corporation LXT971ABC Datasheet HTML 7Page - Intel Corporation LXT971ABC Datasheet HTML 8Page - Intel Corporation LXT971ABC Datasheet HTML 9Page - Intel Corporation LXT971ABC Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
LXT971A 3.3 V Dual-Speed Fast Ethernet Transceiver
6
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Tables
1
LQFP Numeric Pin List .................................................................................................... 12
2
LXT971A MII Signal Descriptions .................................................................................. 14
3
LXT971A Network Interface Signal Descriptions ........................................................... 15
4
LXT971A Miscellaneous Signal Descriptions ................................................................. 16
5
LXT971A Power Supply Signal Descriptions.................................................................. 17
6
LXT971A JTAG Test Signal Descriptions ...................................................................... 17
7
LXT971A LED Signal Descriptions ................................................................................ 17
8
Hardware Configuration Settings ..................................................................................... 26
9
Carrier Sense, Loopback, and Collision Conditions......................................................... 32
10
4B/5B Coding ................................................................................................................... 36
11
BSR Mode of Operation ................................................................................................... 43
12
Supported JTAG Instructions ........................................................................................... 43
13
Device ID Register ........................................................................................................... 43
14
Magnetics Requirements .................................................................................................. 44
15
I/O Pin Comparison of NIC and Switch RJ-45 Setups..................................................... 44
16
Absolute Maximum Ratings ............................................................................................. 49
17
Operating Conditions........................................................................................................ 49
18
Digital I/O Characteristics 1 ............................................................................................. 50
19
Digital I/O Characteristics - MII Pins............................................................................... 50
20
I/O Characteristics - REFCLK/XI and XO Pins............................................................... 50
21
I/O Characteristics - LED/CFG Pins ................................................................................ 50
22
100BASE-TX Transceiver Characteristics....................................................................... 51
23
100BASE-FX Transceiver Characteristics ....................................................................... 51
24
10BASE-T Transceiver Characteristics............................................................................ 51
25
10BASE-T Link Integrity Timing Characteristics ........................................................... 52
26
100BASE-TX Receive Timing Parameters - 4B Mode.................................................... 53
27
100BASE-TX Transmit Timing Parameters - 4B Mode .................................................. 54
28
100BASE-FX Receive Timing Parameters ...................................................................... 55
29
100BASE-FX Transmit Timing Parameters..................................................................... 56
30
10BASE-T Receive Timing Parameters........................................................................... 57
31
10BASE-T Transmit Timing Parameters ......................................................................... 58
32
10BASE-T Jabber and Unjabber Timing Parameters....................................................... 59
33
10BASE-T SQE Timing Parameters ................................................................................ 59
34
Auto Negotiation and Fast Link Pulse Timing Parameters .............................................. 60
35
MDIO Timing Parameters ................................................................................................ 61
36
Power-Up Timing Parameters .......................................................................................... 62
37
RESET Pulse Width and Recovery Timing Parameters.................................................. 62
38
Register Set....................................................................................................................... 63
39
Register Bit Map............................................................................................................... 64
40
Control Register (Address 0) ............................................................................................ 66
41
MII Status Register #1 (Address 1) .................................................................................. 67
42
PHY Identification Register 1 (Address 2)....................................................................... 68
43
PHY Identification Register 2 (Address 3)....................................................................... 68
44
Auto Negotiation Advertisement Register (Address 4).................................................... 69
45
Auto Negotiation Link Partner Base Page Ability Register (Address 5) ......................... 70
46
Auto Negotiation Expansion (Address 6)......................................................................... 71
47
Auto Negotiation Next Page Transmit Register (Address 7) ........................................... 71
48
Auto Negotiation Link Partner Next Page Receive Register (Address 8)........................ 72
49
Configuration Register (Address 16, Hex 10) .................................................................. 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com