Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 74 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 74 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 70Page - Intel Corporation LXT971ABC Datasheet HTML 71Page - Intel Corporation LXT971ABC Datasheet HTML 72Page - Intel Corporation LXT971ABC Datasheet HTML 73Page - Intel Corporation LXT971ABC Datasheet HTML 74Page - Intel Corporation LXT971ABC Datasheet HTML 75Page - Intel Corporation LXT971ABC Datasheet HTML 76Page - Intel Corporation LXT971ABC Datasheet HTML 77Page - Intel Corporation LXT971ABC Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
74
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 43. Control Register (Address 0)
Bit
Name
Description
Type 1
Default
0.15
Reset
1 = PHY reset
0 = Normal operation
R/W
SC
0
0.14
Loopback
1 = Enable loopback mode
0 = Disable loopback mode
R/W
0
0.13
Speed Selection
0.6
0.13
Speed Selected
R/W
Note 2
1
1
0
0
1
0
1
0
Reserved
1000 Mbps (not supported)
100 Mbps
10 Mbps
0.12
Auto-Negotiation
Enable
1 = Enable auto-negotiation process
0 = Disable auto-negotiation process
R/W
Note 2
0.11
Power-Down
1 = Power-down
0 = Normal operation
R/W
0
0.10
Isolate
1 = Electrically isolate PHY from MII
0 = Normal operation
R/W
0
0.9
Restart
Auto-Negotiation
1 = Restart auto-negotiation process
0 = Normal operation
R/W
SC
0
0.8
Duplex Mode
1 = Full-duplex
0 = Half-duplex
R/W
Note 2
0.7
Collision Test
1 = Enable COL signal test
0 = Disable COL signal test
R/W
0
0.6
Speed Selection
0.6
0.13
Speed Selected
R/W
0
1
1
0
0
1
0
1
0
Reserved
1000 Mbps (not supported)
100 Mbps
10 Mbps
0.5:0
Reserved
Write as 0, ignore on Read
R/W
00000
1. R/W = Read/Write
RO = Read Only
SC = Self Clearing
2. Default value of Register bits 0.12, 0.13 and 0.8 are determined by the LED/CFGn pins (refer to Table 9 on
page 30).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com