Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 33 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 33 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 29Page - Intel Corporation LXT971ABC Datasheet HTML 30Page - Intel Corporation LXT971ABC Datasheet HTML 31Page - Intel Corporation LXT971ABC Datasheet HTML 32Page - Intel Corporation LXT971ABC Datasheet HTML 33Page - Intel Corporation LXT971ABC Datasheet HTML 34Page - Intel Corporation LXT971ABC Datasheet HTML 35Page - Intel Corporation LXT971ABC Datasheet HTML 36Page - Intel Corporation LXT971ABC Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
33
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.6.2
Transmit Enable
The MAC must assert TX_EN the same time as the first nibble of preamble, and de-assert TX_EN
after the last bit of the packet.
3.6.3
Receive Data Valid
The LXT971A asserts RX_DV when it receives a valid packet. Timing changes depend on line
operating speed:
• For 100BASE-TX links, RX_DV is asserted from the first nibble of preamble to the last nibble
of the data packet.
• For 10BT links, the entire preamble is truncated. RX_DV is asserted with the first nibble of the
Start of Frame Delimiter (SFD) “5D” and remains asserted until the end of the packet.
3.6.4
Carrier Sense
Carrier Sense (CRS) is an asynchronous output. It is always generated when a packet is received
from the line and in half-duplex mode when a packet is transmitted. Table 10 summarizes the
conditions for assertion of carrier sense, collision, and data loopback signals.
Carrier sense is not generated when a packet is transmitted and in full-duplex mode.
3.6.5
Error Signals
When LXT971A is in 100 Mbps mode and receives an invalid symbol from the network, it asserts
RX_ER and drives “1110” on the RXD pins.
When the MAC asserts TX_ER, the LXT971A drives “H” symbols out on the TPFOP/N pins.
3.6.6
Collision
The LXT971A asserts its collision signal, asynchronously to any clock, whenever the line state is
half-duplex and the transmitter and receiver are active at the same time. Table 10 summarizes the
conditions for assertion of carrier sense, collision, and data loopback signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com