Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 56 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 56 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 52Page - Intel Corporation LXT971ABC Datasheet HTML 53Page - Intel Corporation LXT971ABC Datasheet HTML 54Page - Intel Corporation LXT971ABC Datasheet HTML 55Page - Intel Corporation LXT971ABC Datasheet HTML 56Page - Intel Corporation LXT971ABC Datasheet HTML 57Page - Intel Corporation LXT971ABC Datasheet HTML 58Page - Intel Corporation LXT971ABC Datasheet HTML 59Page - Intel Corporation LXT971ABC Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
56
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
5.0
Test Specifications
Note: Table 17 through Table 40 and Figure 28 through Figure 41 represent the performance
specifications of the LXT971A. These specifications are guaranteed by test except where noted “by
design.” Minimum and maximum values listed in Table 19 through Table 40 apply over the
recommended operating conditions specified in Table 18.
5.1
Electrical Parameters
Table 17. Absolute Maximum Ratings
Parameter
Sym
Min
Max
Units
Supply voltage
VCC
-0.3
4.0
V
Operating temperature
LXT971A_C
(Commercial)
TOPA
-15
+85
ºC
LXT971A_E
(Extended)
TOPA
-55
+100
ºC
Storage temperature
TST
-65
+150
ºC
Caution: Exceeding these values may cause permanent damage.
Functional operation under these conditions is not implied.
Exposure to maximum rating conditions for extended periods may affect device
reliability.
Table 18. Operating Conditions
Parameter
Sym
Min
Typ1
Max
Units
Recommended operating
temperature
LXT971A_C
(Commercial)
TOPA
0–
70
ºC
LXT971A_E
(Extended)
TOPA
-40
–
85
ºC
Recommended supply voltage2
Analog & Digital
Vcca, Vccd
3.14
3.3
3.45
V
I/O
Vccio
2.35
–
3.45
V
VCC current
100BASE-TX
ICC
–92
110
mA
10BASE-T
ICC
–66
82
mA
100BASE-FX
ICC
–72
95
mA
Sleep Mode
ICC
–40
45
mA
Hard Power Down
ICC
––
1
mA
Soft Power Down
Icc
–
51
–
mA
Auto-Negotiation
ICC
–90
110
mA
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
2. Voltages with respect to ground unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com