Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 57 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 57 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 53Page - Intel Corporation LXT971ABC Datasheet HTML 54Page - Intel Corporation LXT971ABC Datasheet HTML 55Page - Intel Corporation LXT971ABC Datasheet HTML 56Page - Intel Corporation LXT971ABC Datasheet HTML 57Page - Intel Corporation LXT971ABC Datasheet HTML 58Page - Intel Corporation LXT971ABC Datasheet HTML 59Page - Intel Corporation LXT971ABC Datasheet HTML 60Page - Intel Corporation LXT971ABC Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
57
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 19. Digital I/O Characteristics2
Parameter
Symbol
Min
Typ1
Max
Units
Test Conditions
Input Low voltage
VIL
–
–
0.8
V
–
Input High voltage
VIH
2.0
–
–
V
–
Input current
II
-10
–
10
µA
0.0 < VI < VCC
Output Low voltage
VOL
–
–
0.4
V
IOL = 4 mA
Output High voltage
VOH
2.4
–
–
V
IOH = -4 mA
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
2. Applies to all pins except MII, LED, XI/XO, and SD/TP pins. Refer to Table 20 for MII I/O Characteristics,
Table 21 for XI/XO and Table 22 for LED Characteristics.
Table 20. Digital I/O Characteristics - MII Pins
Parameter
Symbol
Min
Typ1
Max
Units
Test Conditions
Input Low voltage
VIL
–
–
0.8
V
–
Input High voltage
VIH
2.0
–
–
V
–
Input current
II
-10
–
10
µA
0.0 < VI < VCCIO
Output Low voltage
VOL
–
–
0.4
V
IOL = 4 mA
Output High voltage
VOH
2.2
–
–
V
IOH = -4 mA, VCCIO = 3.3V
VOH
2.0
–
–
V
IOH = -4 mA, VCCIO = 2.5V
Driver output resistance
(Line driver output enabled)
RO2
–
100
–
W
VCCIO = 2.5V
RO2
–
100
–
W
VCCIO = 3.3V
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
2. Parameter is guaranteed by design; not subject to production testing.
Table 21. I/O Characteristics - REFCLK/XI and XO Pins
Parameter
Symbol
Min
Typ1
Max
Units
Test Conditions
Input Low Voltage
VIL
–
–
0.8
V
–
Input High Voltage
VIH
2.0
–
–
V
–
Input Clock Frequency Tolerance2
∆f
––
±100
ppm
–
Input Clock Duty Cycle2
Tdc
35
–
65
%
–
Input Capacitance
CIN
–3.0
–
pF
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
2. Parameter is guaranteed by design; not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com