Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 67 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 67 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 63Page - Intel Corporation LXT971ABC Datasheet HTML 64Page - Intel Corporation LXT971ABC Datasheet HTML 65Page - Intel Corporation LXT971ABC Datasheet HTML 66Page - Intel Corporation LXT971ABC Datasheet HTML 67Page - Intel Corporation LXT971ABC Datasheet HTML 68Page - Intel Corporation LXT971ABC Datasheet HTML 69Page - Intel Corporation LXT971ABC Datasheet HTML 70Page - Intel Corporation LXT971ABC Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
67
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Figure 34. 10BASE-T Jabber and Unjabber Timing
Table 35. 10BASE-T Jabber and Unjabber Timing Parameters
Parameter
Symbol
Min
Typ1
Max
Units
Test Conditions
Maximum transmit time
t1
20
–
150
ms
–
Unjab time
t2
250
–
750
ms
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
Figure 35. 10BASE-T SQE (Heartbeat) Timing
Table 36. 10BASE-T SQE Timing Parameters
Parameter
Symbol
Min
Typ1
Max
Units
Test Conditions
COL (SQE) Delay after TX_EN off
t1
0.65
–
1.6
us
–
COL (SQE) Pulse duration
t2
0.5
–
1.5
us
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
TXD
COL
t1
t2
TX_EN
TX_CLK
TX_EN
t1
t2
COL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com