Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 23 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 23 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 19Page - Intel Corporation LXT971ABC Datasheet HTML 20Page - Intel Corporation LXT971ABC Datasheet HTML 21Page - Intel Corporation LXT971ABC Datasheet HTML 22Page - Intel Corporation LXT971ABC Datasheet HTML 23Page - Intel Corporation LXT971ABC Datasheet HTML 24Page - Intel Corporation LXT971ABC Datasheet HTML 25Page - Intel Corporation LXT971ABC Datasheet HTML 26Page - Intel Corporation LXT971ABC Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
23
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.2.1.3
Fault Detection and Reporting
The LXT971A supports two fault detection and reporting mechanisms. “Remote Fault” refers to a
MAC-to-MAC communication function that is essentially transparent to PHY layer devices. It is
used only during auto-negotiation, and is applicable only to twisted-pair links. “Far-End Fault” is
an optional PMA-layer function that may be embedded within PHY devices. The LXT971A
supports both functions (see Section 3.2.1.3.1 and Section 3.2.1.3.2).
3.2.1.3.1 Remote Fault
Register bit 4.13 in the Auto-Negotiation Advertisement Register is reserved for Remote Fault
indications. It is typically used when re-starting the auto-negotiation sequence to indicate to the
link partner that the link is down because the advertising device detected a fault.
When the LXT971A receives a Remote Fault indication from its partner during auto-negotiation it
does the following:
• Sets Register bit 5.13 in the Link Partner Base Page Ability Register, and
• Sets the Remote Fault Register bit 1.4 in the MII Status Register to pass this information to the
local controller.
3.2.1.3.2 100BASE-FX Far-End Fault
The SD/TP pin monitors signal quality during normal operation in fiber mode. If the signal quality
degrades beyond the fault threshold, the fiber transceiver reports a signal quality fault condition via
the SD/TP pin. Loss of signal quality blocks any fiber data from being received and causes a link
loss.
If the LXT971A detects a signal fault condition, it can transmit the Far-End Fault Indication (FEFI)
over the fiber link. The FEFI consists of 84 consecutive ones followed by a single zero. This
pattern must be repeated at least three times. The LXT971A transmits the far-end fault code a
minimum of three times if all the following conditions are true:
• Fiber mode is selected.
• Fault Code transmission is enabled (Register bit 16.2 = 1).
• Either Signal Detect indicates no signal or the receive PLL cannot lock.
• Loopback is not enabled.
3.2.2
MII Data Interface
The LXT971A supports a standard Media Independent Interface (MII). The MII consists of a data
interface and a management interface. The MII Data Interface passes data between the LXT971A
and a Media Access Controller (MAC). Separate parallel buses are provided for transmit and
receive. This interface operates at either 10 Mbps or 100 Mbps. The speed is set automatically,
once the operating conditions of the network link have been determined. Refer to “MII Operation”
on page 32 for additional details.
3.2.2.1
Increased MII Drive Strength
A higher Media Independent Interface (MII) drive strength may be desired in some designs to drive
signals over longer PCB trace lengths, or over high-capacitive loads, through multiple vias, or
through a connector. The MII drive strength in the LXT971A can be increased by setting Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com