Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 82 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 82 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 78Page - Intel Corporation LXT971ABC Datasheet HTML 79Page - Intel Corporation LXT971ABC Datasheet HTML 80Page - Intel Corporation LXT971ABC Datasheet HTML 81Page - Intel Corporation LXT971ABC Datasheet HTML 82Page - Intel Corporation LXT971ABC Datasheet HTML 83Page - Intel Corporation LXT971ABC Datasheet HTML 84Page - Intel Corporation LXT971ABC Datasheet HTML 85Page - Intel Corporation LXT971ABC Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
82
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 53. Status Register #2 (Address 17)
Bit
Name
Description
Type 1
Default
17.15
Reserved
Always 0.
RO
0
17.14
10/100 Mode
1 = LXT971A is operating in 100BASE-TX mode.
0 = LXT971A is not operating 100BASE-TX mode.
RO
0
17.13
Transmit Status
1 = LXT971A is transmitting a packet.
0 = LXT971A is not transmitting a packet.
RO
0
17.12
Receive Status
1 = LXT971A is receiving a packet.
0 = LXT971A is not receiving a packet.
RO
0
17.11
Collision Status
1 = Collision is occurring.
0 = No collision.
RO
0
17.10
Link
1 = Link is up.
0 = Link is down.
RO
0
17.9
Duplex Mode
1 = Full-duplex.
0 = Half-duplex.
RO
0
17.8
Auto-Negotiation
1 = LXT971A is in auto-negotiation mode.
0 = LXT971A is in manual mode.
RO
0
17.7
Auto-Negotiation
Complete
1 = Auto-negotiation process completed.
0 = Auto-negotiation process not completed.
This bit is only valid when auto negotiate is
enabled, and is equivalent to Register bit 1.5.
RO
0
17.6
Reserved
Always 0.
RO
0
17.5
Polarity
1 = Polarity is reversed.
0 = Polarity is not reversed.
RO
0
17.4
Pause
1 = Device Pause capable.
0 = Device Not Pause capable.
RO
0
17:3
Error
1 = Error Occurred (Remote Fault, X,Y, Z).
0 = No error occurred.
RO
0
17:2
Reserved
Always 0.
RO
0
17:1
Reserved
Always 0.
RO
0
17.0
Reserved
Always 0.
RO
0
1. RO = Read Only. R/W = Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com