Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 27 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 27 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 23Page - Intel Corporation LXT971ABC Datasheet HTML 24Page - Intel Corporation LXT971ABC Datasheet HTML 25Page - Intel Corporation LXT971ABC Datasheet HTML 26Page - Intel Corporation LXT971ABC Datasheet HTML 27Page - Intel Corporation LXT971ABC Datasheet HTML 28Page - Intel Corporation LXT971ABC Datasheet HTML 29Page - Intel Corporation LXT971ABC Datasheet HTML 30Page - Intel Corporation LXT971ABC Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
27
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.4.2
Hardware Control Mode
In the Hardware Control Mode, LXT971A disables direct write operations to the MDIO registers
via the MDIO Interface. On power-up or hardware reset the LXT971A reads the Hardware Control
Interface pins and sets the MDIO registers accordingly.
The following modes are available using either Hardware Control or MDIO Control:
• Force network link to 100FX (Fiber).
• Force network link operation to:
— 100BASE-TX, Full-Duplex.
— 100BASE-TX, Half-Duplex.
— 10BASE-T, Full-Duplex.
— 10BASE-T, Half-Duplex.
• Allow auto-negotiation/parallel-detection.
When the network link is forced to a specific configuration, the LXT971A immediately begins
operating the network interface as commanded. When auto-negotiation is enabled, the LXT971A
begins the auto-negotiation/parallel-detection operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com