Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 59 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 59 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 55Page - Intel Corporation LXT971ABC Datasheet HTML 56Page - Intel Corporation LXT971ABC Datasheet HTML 57Page - Intel Corporation LXT971ABC Datasheet HTML 58Page - Intel Corporation LXT971ABC Datasheet HTML 59Page - Intel Corporation LXT971ABC Datasheet HTML 60Page - Intel Corporation LXT971ABC Datasheet HTML 61Page - Intel Corporation LXT971ABC Datasheet HTML 62Page - Intel Corporation LXT971ABC Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
59
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 25. 100BASE-FX Transceiver Characteristics
Parameter
Symbol
Min
Typ1
Max
Units
Test Conditions
Transmitter
Peak differential output voltage
(single ended)
VOP
0.6
–
1.5
V
–
Signal rise/fall time
TRF
–
–
1.9
ns
10 <–> 90%
2.0 pF load
Jitter (measured differentially)
–
–
–
1.3
ns
–
Receiver
Peak differential input voltage
VIP
0.55
–
1.5
V
–
Common mode input range
VCMIR
––
VCC - 0.7
V
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
Table 26. 10BASE-T Transceiver Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Transmitter
Peak differential output
voltage
VOP
2.2
2.5
2.8
V
With transformer, line
replaced by 100
Ω
resistor
Transition timing jitter added
by the MAU and PLS
sections
–0
2
11
ns
After line model
specified by IEEE
802.3 for 10BASE-T
MAU
Receiver
Receive Input Impedance
ZIN
–
–
22
k
Ω
–
Differential Squelch
Threshold
VDS
300
420
585
mV
–
Table 27. 10BASE-T Link Integrity Timing Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Time Link Loss Receive
TLL
50
–
150
ms
–
Link Pulse
TLP
2
–
7
Link Pulses
–
Link Min Receive Timer
TLR MIN
2–
7
ms
–
Link Max Receive Timer
TLR MAX
50
–
150
ms
–
Link Transmit Period
Tlt
8
–
24
ms
–
Link Pulse Width
Tlpw
60
–
150
ns
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com