Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABC Datasheet(PDF) 88 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 88 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 82Page - Intel Corporation LXT971ABC Datasheet HTML 83Page - Intel Corporation LXT971ABC Datasheet HTML 84Page - Intel Corporation LXT971ABC Datasheet HTML 85Page - Intel Corporation LXT971ABC Datasheet HTML 86Page - Intel Corporation LXT971ABC Datasheet HTML 87Page - Intel Corporation LXT971ABC Datasheet HTML 88Page - Intel Corporation LXT971ABC Datasheet HTML 89Page - Intel Corporation LXT971ABC Datasheet HTML 90Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 88 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
88
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
7.0
Package Specifications
Figure 43. PBGA Package Specification
1.26 ± 0.10
0.70 ± 0.025
0.26 ± 0.04
0.28 ± 0.10
3
SEATING PLANE
SIDE VIEW
TOP VIEW
BOTTOM VIEW
OPTION:
PIN A1 IDENTIFIER
1.00 ± 0.10
INK OR LASER MARKING
C
7.00 ± 0.20
B
2.00 REF.
0.20 (4X)
NOTES:
1. All dimensions and tolerances conform to ASME Y 14.5 M - 1994.
2. Dimension is measured at the maximum solder ball diameter, parallel to primary datum C.
3. Primary datum C and seating plane are defined by the spherical crowns of the solder balls.
4. Maximum mold to substrate offset shall be 0.127.
5. The surface finish of the package shall be EDM Charmille #18 - #21.
6. Unless otherwise specified tolerance: Decimal ± 0.05 Angular ±2°.
B
H
G
F
E
D
C
A
87
6
5
43
2
1
2
0.70 REF.
6.30
0.80
0.40 ± 0.15
0.30
0.15
C
C
B
A
64-Ball Plastic Ball Grid Array Package
• Part Number - LXT971ABC Commercial Temperature Range (0ºC to +70ºC)
• Part Number - LXT971ABE Extended Temperature Range (-40ºC to +85ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com