Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3678BE Datasheet (PDF) - Richtek Technology Corporation

RT3678BE Datasheet PDF - Richtek Technology Corporation
Part # RT3678BE
Download  RT3678BE Download
File Size   2058.44 Kbytes
Page   93 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Channel PWM Controller with I2C Interface Control for AMD SVI3 CPU/GPU Core Power Supply

RT3678BE Datasheet (PDF)

Go To PDF Page Download Datasheet
RT3678BE Datasheet PDF - Richtek Technology Corporation

Part # RT3678BE
Download  RT3678BE Click to download

File Size   2058.44 Kbytes
Page   93 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Channel PWM Controller with I2C Interface Control for AMD SVI3 CPU/GPU Core Power Supply

RT3678BE Datasheet (HTML) - Richtek Technology Corporation


RT3678BE Product details

General Description
The RT3678BE is a synchronous buck controller which supports dual output rails and can fully meet AMD SVI3 requirements. The RT3678BE adopts G-NAVPTM (Green Native AVP), which is Richtek’s proprietary topology derived from finite DC gain of EA amplifier with current mode control, making it easy to set the droop to meet all AMD CPU/GPU requirements of AVP (Adaptive Voltage Positioning). Based on the G-NAVPTM topology, the RT3678BE features a new generation of quick response mechanism (Adaptive Quick Response, AQR) to optimize AVP performance during load transient and reduce output capacitors. The RT3678BE integrates a high accuracy ADC for reporting and a non-volatile memory (NVM) to store custom configurations, such as output current scale, auto phase add/drop threshold, switching frequency, overcurrent threshold or AQR trigger level. It also features full fault protection functions, including overvoltage (OV), undervoltage (UV), overcurrent (OC) and undervoltage lockout (UVLO), over-temperature protection (OTP), VR-hot warning, CRC failure and communication failure. The RT3678BE provides independent enable, power good and temperature sensing for each output rail. It also supports several functions which can be set by the I2C interface.

Applications
 AMD SVI3 VDDCR/VDDCR_SOC Rails
 Desktop and Notebook Computer
 AVP Step-Down Converter

Features
 AMD SVI3 Rev 1.01 Compatible
 8 Phase (Rail A) + 2 Phase (Rail B) PWM Controller
 G-NAVPTM (Green Native Adaptive Voltage Positioning) Topology
 0.5% DAC Accuracy
 Differential Remote Voltage Sensing
 Built-in ADC for Reporting
 Accurate Current Balance
 Diode Emulation Mode (DEM) at Light Load
 Fast Transient Response: Adaptive Quick Response (AQR)
 OVP, OCP and UVP with Flag
 Switching Frequency Setting
 Auto Phase Add/Drop with DEM for Excellent Efficiency
 Voltage On-the-Fly (VOTF) Enhancement
 Acoustic Noise Suppression
 Zero Load-line
 Standard I2C Protocol Interface
 Internal Non-Volatile Memory (NVM) to Store
Custom Configurations
 Current Balance Gain Adjustment for Thermal Balance
 Dynamic Load-line Setting
 Voltage Offset Setting
 Fixed VID Setting
 Protection Report and Protection Disable
 Output Voltage / Output Current / Temperature / Input Power Monitoring
 Soldering Good Detection
 Small 68-Lead WQFN Package




Similar Part No. - RT3678BE

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RT360 AMPHENOL-RT360 Datasheet
4Mb / 18P
industrial circular connectors are multiway connector available in 6 shell sizes
logo
Richtek Technology Corp...
RT3601EA RICHTEK-RT3601EA Datasheet
660Kb / 40P
Signal Phase PWM Controller
RT3601EAGQW RICHTEK-RT3601EAGQW Datasheet
660Kb / 40P
Signal Phase PWM Controller
RT3602AE RICHTEK-RT3602AE Datasheet
836Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
August 2017
RT3602AJ RICHTEK-RT3602AJ Datasheet
818Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
February 2018
More results


Similar Description - RT3678BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1544 MAXIM-MAX1544 Datasheet
904Kb / 42P
Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
19-2745; Rev 1; 9/03
logo
Richtek Technology Corp...
RT8801 RICHTEK-RT8801 Datasheet
474Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8877C RICHTEK-RT8877C Datasheet
687Kb / 38P
Dual-Output PWM Controller for AMD SVI2 CPU Power Supply
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
Single-Phase PWM Controller for CPU / GPU Core Power Supply
RT3624LE RICHTEK-RT3624LE Datasheet
1Mb / 48P
Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
April 2022
RT3635BE RICHTEK-RT3635BE Datasheet
5Mb / 111P
Triple Channel PWM Controller with I2C Interface Control for IMVP9.2 CPU Core Power Supply
June 2023
RT3662EB RICHTEK-RT3662EB Datasheet
1Mb / 28P
Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
August 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com