Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR64 Datasheet (PDF) - STMicroelectronics

RHR64 Datasheet PDF - STMicroelectronics
Part # RHR64
Download  RHR64 Download
File Size   679.86 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard, low-power, rail-to-rail CMOS operational amplifiers

RHR64 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHR64 Datasheet PDF - STMicroelectronics

Part # RHR64
Download  RHR64 Click to download

File Size   679.86 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard, low-power, rail-to-rail CMOS operational amplifiers

RHR64 Datasheet (HTML) - STMicroelectronics


RHR64 Product details

Features
• Single and quad CMOS operational amplifiers (op amp)
• Unity gain stable on 100 pF load
• Very low power supply: 1.5 V to 5.5 V
• Very low consumption: 60 μA max
• Low offset voltage: 1 mV max
• Low input bias: 1 pA
• Input and output rail-to-rail
• 100 krad TID (high-dose rate)
• SEL immune at 120 MeV.cm²/mg
• SET characterized

Description
The RHR61 and RHR64 devices are pure CMOS single and quad op amps respectively. The RHR61 is packaged in a flat hermetic 8-lead and the RHR64 in a flat hermetic 14-lead. Both devices are guaranteed in radiation and over the temperature range -55 °C to 125 °C. They are for general use in any space application.




Similar Part No. - RHR64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHR660 FAIRCHILD-RHR660 Datasheet
374Kb / 5P
6A, 600V Hyperfast Diodes
logo
Intersil Corporation
RHR660 INTERSIL-RHR660 Datasheet
71Kb / 4P
6A, 600V Hyperfast Diodes
January 2000
More results


Similar Description - RHR64

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA349 BURR-BROWN-OPA349 Datasheet
141Kb / 7P
1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ISL70218SRH INTERSIL-ISL70218SRH Datasheet
943Kb / 18P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 17, 2011
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 24, 2012
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
June 14, 2013
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com