Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR64 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHR64
Description  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR64 Datasheet(HTML) 5 Page - STMicroelectronics

  RHR64 Datasheet HTML 1Page - STMicroelectronics RHR64 Datasheet HTML 2Page - STMicroelectronics RHR64 Datasheet HTML 3Page - STMicroelectronics RHR64 Datasheet HTML 4Page - STMicroelectronics RHR64 Datasheet HTML 5Page - STMicroelectronics RHR64 Datasheet HTML 6Page - STMicroelectronics RHR64 Datasheet HTML 7Page - STMicroelectronics RHR64 Datasheet HTML 8Page - STMicroelectronics RHR64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
RHR61, RHR64
Electrical characteristics
3
Electrical characteristics
Table 4: VCC+ = 1.8 V, VCC- = 0 V, Vicm = 0.9 V, Tamb = 25 °C, and load (RL) connected to
0.9 V (unless otherwise specified)
Symbol
Parameter
Conditions
Min
.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
1
mV
-55 °C < Tamb < 125 °C
3
DVio
Input offset voltage drift
4
μV/°C
Iio
Input offset current
(Vout = 0.9 V)
1
70
pA
-55 °C < Tamb < 125 °C
1
150
Iib
Input bias current
(Vout = 0.9 V)
1
70
-55 °C < Tamb < 125 °C
1
150
CMR
Common mode rejection ratio
20 log (ΔVic/ΔVio)
0 V to 0.9 V, Vout = 0.9 V
70
74
dB
-55 °C < Tamb < 125 °C
67
0 V to 1.8 V, Vout = 0.9 V
56
-55 °C < Tamb < 125 °C
53
Avd
Large signal voltage gain
RL
= 10 kΩ, Vout = 0.5 V to 1.3 V
83
95
-55 °C < Tamb < 125 °C
78
VOH
High-level output voltage
RL =
10 kΩ
35
5
mV
-55 °C < Tamb < 125 °C
50
VOL
Low-level output voltage
RL =
10 kΩ
4
35
-55 °C < Tamb < 125 °C
50
Iout
Isink
Vο = 1.8 V
6
12
mA
-55 °C < Tamb < 125 °C
4
Isource
Vο = 0 V
-10
-6
-55 °C < Tamb < 125 °C
-4
ICC
Supply current (per channel)
No load, Vout = 0.9 V
50
60
µA
-55 °C < Tamb < 125 °C
62
AC performance
GBP
Gain bandwidth product
RL
= 2 kΩ, CL = 100 pF
600
740
kHz
-55 °C < Tamb < 125 °C
300
ɸm
Phase margin
RL =
2 kΩ, CL = 100 pF
48
Degrees
Gm
Gain margin
RL =
2 kΩ, CL = 100 pF
11
dB
SR
Slew rate
VIN = 0.5 V to VCC -0.5V, 10 % to
90 %, RL =
2 kΩ, CL = 100 pF, Av
= 1
0.2
0.27
V/μs
-55 °C < Tamb < 125 °C
0.1
5
en
Equivalent input noise voltage
f = 1 kHz
65
nV/√Hz
f = 10 kHz
50
DocID027171 Rev 3
5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com