Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR64 Datasheet(PDF) 17 Page - STMicroelectronics

Part # RHR64
Description  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR64 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RHR64 Datasheet HTML 12Page - STMicroelectronics RHR64 Datasheet HTML 13Page - STMicroelectronics RHR64 Datasheet HTML 14Page - STMicroelectronics RHR64 Datasheet HTML 15Page - STMicroelectronics RHR64 Datasheet HTML 16Page - STMicroelectronics RHR64 Datasheet HTML 17Page - STMicroelectronics RHR64 Datasheet HTML 18Page - STMicroelectronics RHR64 Datasheet HTML 19Page - STMicroelectronics RHR64 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
RHR61, RHR64
Ordering information
7
Ordering information
Table 12: Order codes
Order code
Description
Temperature range
Package
Marking (1)
Packing
RHR61K1
Engineering
model
-55 °C to 125 °C
Ceramic Flat-8
RHR61K1
Strip pack
RHR64K1
Ceramic Flat-14
RHR64K1
RHR61K01V
QML-V flight
model
Ceramic Flat-8
5962R1620401
VXC
RHR64K01V
Ceramic Flat-14
5962R1620501
VXC
Notes:
(1)Specific marking only. Complete marking includes the following: ST logo, Date code (date the package was sealed) in YYWWA
(year, week, and lot index of week), Country of origin (FR = France).
DocID027171 Rev 3
17/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com