Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR64 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHR64
Description  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR64 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHR64 Datasheet HTML 3Page - STMicroelectronics RHR64 Datasheet HTML 4Page - STMicroelectronics RHR64 Datasheet HTML 5Page - STMicroelectronics RHR64 Datasheet HTML 6Page - STMicroelectronics RHR64 Datasheet HTML 7Page - STMicroelectronics RHR64 Datasheet HTML 8Page - STMicroelectronics RHR64 Datasheet HTML 9Page - STMicroelectronics RHR64 Datasheet HTML 10Page - STMicroelectronics RHR64 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
RHR61, RHR64
Electrical characteristics
Table 6: VCC+ = 5 V, VCC- = 0 V, Vicm = 2.5 V, Tamb = 25 °C, and RL connected to 2.5 V
(unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
1
mV
-55 °C < Tamb < 125 °C
3
DVio
Input offset voltage drift
4
μV/°C
Iio
Input offset current
(Vout = 2.5 V)
1
70
pA
-55 °C < Tamb < 125 °C
1
150
Iib
Input bias current
(Vout = 2.5 V)
1
70
-55 °C < Tamb < 125 °C
1
150
CMR
Common mode rejection ratio
20 log (ΔVic/ΔVio)
0 V to 2.5 V, Vout = 2.5 V
77
83
dB
-55 °C < Tamb < 125 °C
74
0 V to 5.0 V, Vout = 2.5 V
63
-55 °C < Tamb < 125 °C
58
SVR
Supply voltage rejection ratio
20 log (ΔVCC/ΔVio)
VCC = 1.8 to 5 V
75
102
-55 °C < Tamb < 125 °C
70
Avd
Large signal voltage gain
RL
= 10 kΩ, Vout = 0.5 V to 4.5 V
88
98
-55 °C < Tamb < 125 °C
83
VOH
High-level output voltage
RL =
10 kΩ
35
7
mV
-55 °C < Tamb < 125 °C
50
VOL
Low-level output voltage
RL =
10 kΩ
6
35
-55 °C < Tamb < 125 °C
50
Iout
Isink
Vο = 5 V
40
69
mA
-55 °C < Tamb < 125 °C
35
Isource
Vο = 0 V
-69
-40
Tmin < Tamb < Tmax
-35
ICC
Supply current (per channel)
No load, Vout = 2.5 V
59
69
µA
-55 °C < Tamb < 125 °C
72
AC performance
GBP
Gain bandwidth product
RL=
2 kΩ, CL= 100 pF
630
920
kHz
-55 °C < Tamb < 125 °C
330
ɸm
Phase margin
RL =
2 kΩ, CL = 100 pF
50
Degrees
Gm
Gain margin
RL =
2 kΩ, CL = 100 pF
12
dB
SR
Slew rate
VIN = 0.5 V to VCC -0.5V, 10 %
to 90 %, RL =
2 kΩ, CL = 100
pF, Av = 1
0.25
0.34
V/μs
-55 °C < Tamb < 125 °C
0.20
en
Equivalent input noise
voltage
f = 1 kHz
65
nV/√Hz
f = 10 kHz
50
THD+en
Total harmonic distortion
G = 1, f = 1 kHz, RL =
100 kΩ,
Vout = 2 Vpp
0.002
%
DocID027171 Rev 3
7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com