Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR64 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RHR64
Description  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR64 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RHR64 Datasheet HTML 8Page - STMicroelectronics RHR64 Datasheet HTML 9Page - STMicroelectronics RHR64 Datasheet HTML 10Page - STMicroelectronics RHR64 Datasheet HTML 11Page - STMicroelectronics RHR64 Datasheet HTML 12Page - STMicroelectronics RHR64 Datasheet HTML 13Page - STMicroelectronics RHR64 Datasheet HTML 14Page - STMicroelectronics RHR64 Datasheet HTML 15Page - STMicroelectronics RHR64 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Electrical characteristic curves
RHR61, RHR64
Figure 18: Small step
Figure 19: Power supply rejection ratio vs frequency
Figure 20: Total harmonic distortion and noise vs
frequency and Rload
Figure 21: Total harmonic distortion and noise vs
frequency and input voltage
Figure 22: Total harmonic distortion and noise vs
output voltage at Rload = 2 kΩ
Figure 23: Total harmonic distortion and noise vs
output voltage at Rload = 100 kΩ
-1
0
1
2
3
4
5
-0.20
-0.10
0.00
0.10
0.20
-0.20
-0.10
0.00
0.10
0.20
Vcc=5V
Vicm=2.5V
Rl=2k
Cl=100pF
T=25°C
Time (µs)
Ω
10
100
1k
10k
100k
0
20
40
60
80
100
PSRR
-
PSRR
+
Vcc=5V
Vicm=2.5V
Gain=1
Rl=2k
Cl=100pF
Vosc=100mV
PP
T=25°C
Frequency (Hz)
Ω
100
1000
10000
1E-3
0.01
0.1
1
Vcc=5.5V
Rl=10k
Vcc=1.5V
Rl=10k
Vcc=5.5V
Rl=2k
Vcc=1.5V
Rl=2k
Vicm=Vcc/2
Gain=1
Vin=1Vpp
BW=80kHz
T=25°C
Frequency (Hz)
Ω
Ω
Ω
Ω
100
1000
10000
1E-3
0.01
0.1
1
Vin=3Vpp
Vin=50mVpp
Vin=200mVpp
Vicm=Vcc/2
Gain=1
Vin=1Vpp
BW=80kHz
Rl=2k
T=25°C
Frequency (Hz)
Ω
0.01
0.1
1
10
1E-3
0.01
0.1
1
1.8V
3.3V
5V
5.5V
Vicm=Vcc/2
Gain=1
f=1kHz
BW=22kHz
Rl=2k
T=25°C
Output Voltage (Vpp)
Ω
0.01
0.1
1
10
1E-3
0.01
0.1
1
1.8V
3.3V
5V
5.5V
Vicm=Vcc/2
Gain=1
f=1kHz
BW=22kHz
Rl=100k
T=25°C
Output Voltage (Vpp)
Ω
12/20
DocID027171 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com