Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR64 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHR64
Description  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR64 Datasheet(HTML) 4 Page - STMicroelectronics

  RHR64 Datasheet HTML 1Page - STMicroelectronics RHR64 Datasheet HTML 2Page - STMicroelectronics RHR64 Datasheet HTML 3Page - STMicroelectronics RHR64 Datasheet HTML 4Page - STMicroelectronics RHR64 Datasheet HTML 5Page - STMicroelectronics RHR64 Datasheet HTML 6Page - STMicroelectronics RHR64 Datasheet HTML 7Page - STMicroelectronics RHR64 Datasheet HTML 8Page - STMicroelectronics RHR64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute maximum ratings and operating
conditions
RHR61, RHR64
2
Absolute maximum ratings and operating conditions
Absolute maximum ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied.
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6
V
Vid
Differential input voltage (2)
±VCC
Vin
Input voltage (3)
(VCC-) - 0.2 to (VCC+) +
0.2
Tstg
Storage temperature
-65 to 150
°C
Tj
Maximum junction temperature
150
Rthja
Thermal resistance junction-to-
ambient (4)(5)
Ceramic Flat-8
125
°C/W
Ceramic Flat-14
120
Rthjc
Thermal resistance junction-to-
case (4)(5)
Ceramic Flat-8
40
Ceramic Flat-14
22
ESD
HBM: human body model (6)
4
kV
MM: machine model (7)
300
V
CDM: charged device model (8)
RHR61
700
RHR64
1300
Latch-up immunity
200
mA
Notes:
(1)All voltage values, except differential voltage are measured with respect to network ground terminal
(2)Differential voltages are the non-inverting input terminal with respect to the inverting input terminal
(3)VCC - Vin must not exceed 6 V
(4)Short circuits can cause excessive heating and destructive dissipation
(5)Rth are typical values
(6)Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5
kΩ
resistor between two pins of the device. This is done for all couples of connected pin combinations while the other
pins are floating.
(7)Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of connected
pin combinations while the other pins are floating.
(8)Charged device model: all pins and package are charged together to the specified voltage and then discharged
directly to ground through only one pin. This is done for all pins.
Table 3: Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.5 to 5.5
V
Vicm
Common-mode input voltage
(VCC-) - 0.1 to (VCC+) +
0.1
Tamb
Operating free-air temperature range
-55 to 125
°C
4/20
DocID027171 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com