Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR64 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHR64
Description  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR64 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHR64 Datasheet HTML 4Page - STMicroelectronics RHR64 Datasheet HTML 5Page - STMicroelectronics RHR64 Datasheet HTML 6Page - STMicroelectronics RHR64 Datasheet HTML 7Page - STMicroelectronics RHR64 Datasheet HTML 8Page - STMicroelectronics RHR64 Datasheet HTML 9Page - STMicroelectronics RHR64 Datasheet HTML 10Page - STMicroelectronics RHR64 Datasheet HTML 11Page - STMicroelectronics RHR64 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
RHR61, RHR64
Table 7: Electrical characteristics after 100 krad, VCC+ = 1.8 V, VCC- = 0 V, Vicm = 0.9 V, Tamb
= 25 °C, and load (RL) connected to VCC/2 (unless otherwise specified). Min. and max. values
obtained on a sample size of 10 parts from 2 different lots (2x5). Non listed parameters are not
impacted by the dose.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Output voltage
—
1.7
mV
CMR (1)
Common mode rejection ratio 20 log
(ΔVic/ΔVio)
0 V to 1.8 V, Vout = 0.9 V
51
dB
0 V to 0.9 V, Vout = 0.9 V
61
Avd
Large signal voltage gain
RL
= 10 kΩ, Vout = 0.5 V to
1.3 V
81
Isource
Output source current
VO = 0 V
-1.5
mA
ICC
Supply current (per channel)
No load, Vout = 0.9 V
110
µA
Notes:
(1)The CMR from 0 V to VCC/2 has not been characterized in radiation
Table 8: Electrical characteristics after 100 krad, VCC+ = 5 V, VCC- = 0 V, Vicm = 2.5 V, Tamb =
25 °C, and load (RL) connected to VCC/2 (unless otherwise specified). Min. and max. values
obtained on a sample size of 10 parts from 2 different lots (2x5). Non listed parameters are not
impacted by the dose.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Output voltage
—
1.5
mV
Iib
Input bias current
Vout = 2.5 V
220
pA
CMR (1)
Common mode rejection ratio 20 log
(ΔVic/ΔVio)
0 V to 5 V, Vout = 2.5 V
62
dB
SVR
Supply voltage rejection ratio 20 log
(ΔVCC/ΔVio)
VCC = 1.8 V to 5 V
71
Avd
Large signal voltage gain
RL
= 10 kΩ, Vout = 0.5 V to
4.5 V
87
Isink
Output sink current
VO = 5 V
35
mA
Isource
Output source current
VO = 0 V
-32
ICC
Supply current (per channel)
No load, Vout = 2.5 V
150
µA
Notes:
(1)The CMR from 0 V to VCC/2 has not been characterized in radiation
8/20
DocID027171 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com