Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR64 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHR64
Description  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR64 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHR64 Datasheet HTML 5Page - STMicroelectronics RHR64 Datasheet HTML 6Page - STMicroelectronics RHR64 Datasheet HTML 7Page - STMicroelectronics RHR64 Datasheet HTML 8Page - STMicroelectronics RHR64 Datasheet HTML 9Page - STMicroelectronics RHR64 Datasheet HTML 10Page - STMicroelectronics RHR64 Datasheet HTML 11Page - STMicroelectronics RHR64 Datasheet HTML 12Page - STMicroelectronics RHR64 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
RHR61, RHR64
Electrical characteristic curves
4
Electrical characteristic curves
Figure 2: Supply current vs supply voltage
Figure 3: Input offset voltage vs input common-
mode voltage at VCC = 1.5 V
Figure 4: Input offset voltage vs input common-
mode voltage at VCC = 5 V
Figure 5: Input offset voltage vs output voltage at
VCC = 1.5 V
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
T=125°C
T=25°C
T=-55°C
T=-40°C
Vicm=Vcc/2
Supp ly Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-800
-600
-400
-200
0
200
400
T=-55°C
T=25°C
T=-40°C
T=125°C
Vcc=1.5V
Input Common Mode Voltage (V)
0
1
2
3
4
5
-400
-200
0
200
400
T=-55°C
T=25°C
T=-40°C
T=125°C
Vcc=5V
Input Common Mode Voltage (V)
0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85 0.90 0.95 1.00
-250
-225
-200
-175
-150
-125
-100
-75
-50
-25
0
T=-55°C
T=25°C
T=-40°C
T=125°C
Vcc=1.5V
Rl=2k
Output Voltage (V)
Ω
DocID027171 Rev 3
9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com