Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

LM2575 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # LM2575
Download  LM2575 Download
File Size   1562.48 Kbytes
Page   17 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 2A Step-Down Voltage Regulator

LM2575 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2575 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575
Download  LM2575 Click to download

File Size   1562.48 Kbytes
Page   17 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 2A Step-Down Voltage Regulator

LM2575 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


LM2575 Product details

The LM2575 /LM2575HV series operates at a switching
frequency of 52 kHz thus allowing smaller sized filter compontents
than what would be needed with lower frequency
switching regulators. Available in a standard 5-lead TO-220
package with several different lead bend options, and a
5-lesd TO-262 surface mount package.
The LM2575 /LM2575HV series of regulators are monolithic
integrated circuits that provide all the active functions for a
step-down (buck) switching regulator, capable of driving a 2A
load with excellent line and load regulation. These devices
are available in fixed output voltages of 3.3V, 5V, 12V, and an
adjustable output version.
General Description
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation†, and a fixed-frequency oscillator.
A standard series of inductors are available from
several different manufacturers optimized for use with the
LM2575series. This feature greatly simplifies the
design of switch-mode power supplies.
Other features include a guaranteed ±4% tolerance on output
voltage under specified input voltage and output
load conditions, and ±15% on the oscillator frequency.
External shutdown is included, featuring typically 80 μA
standby cur-rent. Self protection features include a two
stage frequency reducing current limit for the output
switch and an over temperature shutdown for complete
protection under fault conditions.
Available in TO-220 and TO-263,TO-220B packages
(57V for HV version)
Features
n 3.3V, 5V, 12V, and adjustable output versions
n Adjustable version output voltage range, 1.2V to 37V
±4% max over line and load conditions
n
n Guaranteed 2A output load current
n Input voltage range up to 40V
n Requires only 4 external components
n Excellent line and load regulation specifications
n 52 kHz fixed frequency internal oscillator
n TTL shutdown capability
n Low power standby mode, IQ typically 80 μA
n High efficiency
n Uses readily available standard inductors
n Thermal shutdown and current limit protection
Applications
n Simple high-efficiency step-down (buck) regulator
n On-card switching regulators
n Positive to negative converter
Note: †Patent Number 5,382,918.




Similar Part No. - LM2575

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
logo
Semtech Corporation
LM2575 SEMTECH-LM2575 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Similar Description - LM2575

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
2A STEP-DOWN PWM REGULATOR
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
logo
Champion Microelectroni...
CM2593 CHAMP-CM2593 Datasheet
316Kb / 12P
2A Step Down VOLTAGE REGULATOR
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
2A/18V/300KHz Step-Down Voltage Regulator
logo
Weitron Technology
WT2595M WEITRON-WT2595M Datasheet
507Kb / 9P
2A Step-down Voltage Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
logo
Guangdong Youtai Semico...
LM2592HV UMW-LM2592HV Datasheet
1Mb / 14P
2A Step-Down Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com