Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575 Datasheet(HTML) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM2575 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LM2575/LM2575HV SeriesBuckRegulatorDesignProcedure(FixedOutput)(Continued)
Conditions
Inductor
Output Capacitor
Through Hole Electrolytic
Surface Mount Tantalum
Output
Load
Max Input
Inductance
Inductor
Panasonic
Nichicon
AVX TPS
Sprague
Voltage
Current
Voltage
(µH)
(#)
HFQ Series
PL Series
Series
595D Series
(V)
(A)
(V)
(µF/V)
(µF/V)
(µF/V)
(µF/V)
3.3
2
5
22 L41
470/25
560/16
330/6.3
390/6.3
7
22 L41
560/35
560/35
330/6.3
390/6.3
10
22 L41
680/35
680/35
330/6.3
390/6.3
40
33 L40
560/35
470/35
330/6.3
390/6.3
6
22 L33
470/25
470/35
330/6.3
390/6.3
2
10
33 L32
330/35
330/35
330/6.3
390/6.3
40
47 L39
330/35
270/50
220/10
330/10
5
2
8
22 L41
470/25
560/16
220/10
330/10
10
22 L41
560/25
560/25
220/10
330/10
15
33 L40
330/35
330/35
220/10
330/10
40
47 L39
330/35
270/35
220/10
330/10
9
22 L33
470/25
560/16
220/10
330/10
2
20
68 L38
180/35
180/35
100/10
270/10
40
68 L38
180/35
180/35
100/10
270/10
12
2
15
22 L41
470/25
470/25
100/16
180/16
18
33 L40
330/25
330/25
100/16
180/16
30
68 L44
180/25
180/25
100/16
120/20
40
68 L44
180/35
180/35
100/16
120/20
15
33 L32
330/25
330/25
100/16
180/16
2
20
68 L38
180/25
180/25
100/16
120/20
40
150 L42
82/25
82/25
68/20
68/25
FIGURE 2. LM2575 Fixed Voltage Quick Design Component Selection Table
LM2575/LM2575HV SeriesBuckRegulatorDesignProcedure(AdjustableOutput)
Output
Voltage
(V)
Through Hole Output Capacitor
Surface Mount Output Capacitor
Panasonic
Nichicon PL
Feedforward
AVX TPS
Sprague
Feedforward
HFQ Series
Series
Capacitor
Series
595D Series
Capacitor
(µF/V)
(µF/V)
(µF/V)
(µF/V)
2
820/35
820/35
33 nF
330/6.3
470/4
33 nF
4
560/35
470/35
10 nF
330/6.3
390/6.3
10 nF
6
470/25
470/25
3.3 nF
220/10
330/10
3.3 nF
9
330/25
330/25
1.5 nF
100/16
180/16
1.5 nF
12
330/25
330/25
1 nF
100/16
180/16
1 nF
15
220/35
220/35
680 pF
68/20
120/20
680 pF
24
220/35
150/35
560 pF
33/25
33/25
220 pF
28
100/50
100/50
390 pF
10/35
15/50
220 pF
FIGURE 3. Output Capacitor and Feedforward Capacitor Selection Table
7
www.umw-ic.com
友台半导体有限公司
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com