Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575 Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM2575 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM2575HV-XX
LM2575-XX
LM2575-ADJ,LM2575HV-ADJ
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range
Symbol
Parameter
Conditions
Units
(Limits)
Typ
Limit
SYSTEM PARAMETERS (Note 5) Test Circuit Figure 1
V
FB
Feedback Voltage
4.5V
≤ V
IN ≤ 40V, 0.2A ≤ ILOAD ≤ 2A
1.230
V
V
OUT programmed for 3V. Circuit of Figure 1
1.193/1.180
V(min)
1.267/1.280
V(max)
η
Efficiency
V
IN = 12V, VOUT = 3V, ILOAD = 2A
73
%
All Output Voltage Versions Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the 12V ver-
sion. I
LOAD = 500 mA
Symbol
Parameter
Conditions
Units
(Limits)
Typ
Limit
DEVICE PARAMETERS
I
b
Feedback Bias Current
Adjustable Version Only, V
FB = 1.3V
10
nA
50/100
nA (max)
f
O
Oscillator Frequency
(Note 6)
52
kHz
47/42
kHz(min)
58/63
kHz(max)
V
SAT
Saturation Voltage
I
OUT = 2A (Notes 7, 8)
1.16
V
1.4/1.5
V(max)
DC
Max Duty Cycle (ON)
(Note 8)
100
%
Min Duty Cycle (OFF)
(Note 9)
0
I
CL
Current Limit
Peak Current (Notes 7, 8)
4.5
A
3.6/3.4
A(min)
6.9/7.5
A(max)
I
L
Output Leakage Current
Output = 0V (Notes 7, 9)
50
µA(max)
Output = −1V (Note 10)
2
mA
30
mA(max)
I
Q
Quiescent Current
(Note 9)
5
mA
10
mA(max)
I
STBY
Standby Quiescent Current
ON/OFF pin = 5V (OFF)
(Note 10)
80
µA
200/250
µA(max)
θ
JC
Thermal Resistance
TO-220 or TO-263 Package, Junction to Case
2
˚C/W
θ
JA
TO-220 Package, Junction to Ambient (Note 11)
50
˚C/W
θ
JA
TO-263 Package, Junction to Ambient (Note 12)
50
˚C/W
θ
JA
TO-263 Package, Junction to Ambient (Note 13)
30
˚C/W
θ
JA
TO-263 Package, Junction to Ambient (Note 14)
20
˚C/W
ON/OFF CONTROL Test Circuit Figure 1
ON /OFF Pin Logic Input
1.3
V
V
IH
Threshold Voltage
Low (Regulator ON)
0.6
V(max)
V
IL
High (Regulator OFF)
2.0
V(min)
Electrical Characteristics
LM2575HV
LM2575 -ADJ
-ADJ
4
www.umw-ic.com
友台半导体有限公司
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com